Electronic Components Datasheet Search
  English  ▼

X  

MASW6020G Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW6020G
Description  GaAs SPST Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW6020G Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW6020G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW6020G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW6020G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW6020G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPST Switch
DC - 6.0 GHz
Rev. V5
MASW6020G
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
 Low Insertion Loss, 0.6 dB Typical @ 1.0 GHz
 Fast Switching Speed, 10 ns Typical
 Ultra Low DC Power Consumption
 Integral Static Protection
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant
Description
The MASW6020G is a GaAs MMIC SPST switch
die. This die is ideally used where low power
consumption is required.
Typical
applications
include
transmit
/
receive
switching, switch matrices and switched filter banks,
WLAN IEEE 802.11a and 802.11 b/g systems.
Other applications include cordless phones and
base stations.
Ordering Information
Part Number
Package
MASW6020G
DIE
1
Bond Pad Dimensions
Pad Layout
Control Value (A/B)
-8.5 VDC
Max Input RF Power
+34 dBm
(500 MHz - 4 GHz)
Storage Temperature
-65°C to +175°C
Operating Temperature
+175°C
Parameter
Absolute Maximum
Absolute Maximum Rating
2,3
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Bond Pad
Dimensions - Inches (mm)
RF1, RF2
0.004 x 0.008 (0.100 x 0.200)
Alt RF
0.004 x 0.005 (0.100 x 0.125)
A, B
0.004 x 0.004 (0.100 x 0.100)
GND1
0.012 x 0.007 (0.300 x 0.175)
GND2
0.009 x 0.008 (0.225 x 0.200)
Term
0.004 x 0.008 (0.100 x 0.200)
Schematic
Die Size - Inches (mm)
0.05 x 0.03 x 0.004 (1.270 x 0.770 x 0.250)
*Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Die quantity varies.


Similar Part No. - MASW6020G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6020G MACOM-MASW6020G Datasheet
104Kb / 2P
GaAs SPST Switch DC-6 GHz
logo
M/A-COM Technology Solu...
MASW6020G MA-COM-MASW6020G Datasheet
73Kb / 4P
GaAs SPST Switch DC - 6.0 GHz
MASW6020G MA-COM-MASW6020G_15 Datasheet
544Kb / 5P
GaAs SPST Switch DC - 6.0 GHz
More results

Similar Description - MASW6020G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-259 MACOM-SW-259 Datasheet
102Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASWSS0162 MACOM-MASWSS0162 Datasheet
169Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
SW-259 MA-COM-SW-259 Datasheet
97Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
logo
BOWEI Integrated Circui...
HE117A BOWEI-HE117A Datasheet
97Kb / 1P
4 ways GaAs SPST Switch
HE118 BOWEI-HE118 Datasheet
94Kb / 1P
GaAs SPST Microwave Switch
HR139 BOWEI-HR139 Datasheet
75Kb / 1P
GaAs SPST Microwave Switch
logo
M/A-COM Technology Solu...
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
Matched GaAs SPST Switch
SW-231-PIN-V4 MA-COM-SW-231-PIN-V4 Datasheet
204Kb / 3P
Matched GaAs SPST Switch
SW05-0311 MA-COM-SW05-0311_15 Datasheet
588Kb / 5P
Matched GaAs SPST Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com