Electronic Components Datasheet Search
  English  ▼

X  

MASW6020G Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW6020G
Description  GaAs SPST Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW6020G Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW6020G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW6020G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW6020G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW6020G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
GaAs SPST Switch
DC - 6.0 GHz
Rev. V5
MASW6020G
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Mounting
The MASW6020G is back-metallized with Pd/Ni/Au
(100/1,000, 10,000 Å) metallization. It can be die-
mounted with AuSn eutectic preforms or with
thermally conductive epoxy. The package surface
should be clean and flat before attachment.
Eutectic Die Attach:
A. A 80/20 gold/tin preform is recommended with
a work surface temperature of approximately
255°C and a tool temperature of 265°C. When
not 90/10 nitrogen/hydrogen gas is applied,
tool tip temperature should be approximately
290°C.
B. DO NOT expose the MASW6020G to a
temperature greater than 320°C for more than
20 seconds.
No more than 3 seconds for
scrubbing should be required for attachment.
Epoxy Die Attach:
A. Apply a minimum amount of epoxy and place
the MASW6020G into position. A thin epoxy
fillet should be visible around the perimeter of
the chip.
B. Cure epoxy per manufacturer’s recommended
schedule.
C. Electrically conductive epoxy may be used by
is not required.
Wire Bonding
A. Ball or wedge with 1.0 mil diameter pure gold
wire. Thermosonic wirebonding with a nominal
stage temperature of 150°C and a ball bonding
force of 40 to 50 grams or wedge bonding force
o1 18 to 22 grams is recommended. Ultrasonic
energy and time should be adjusted to the
minimum levels achieve reliable wirebonds.
B. Wirebonds should be started on the chip and
terminated on the package.
Handling Precautions
Permanent damage to the MASW6020G may
occur if the following precautions are not adhered
to:
A. Cleanliness—MASW6020G should be handled
in a clean environment.
DO NOT attempt to
clean unit after the MASW6020G is installed.
B. Static Sensitivity—All chip handling equipment
and personnel should be DC grounded.
C. Transient—Avoid instrument and power supply
transients
while
bias
is
applied
to
the
MASW6020G.
Use shielded signal and bias
cables to minimize inductive pick-up.
D. Bias—Apply
voltage
to
either
of
the
complementary control ports only when the
other is grounded. No port should be allowed to
“float”.
E. General Handling—It is recommended that the
MASW6020G chip be handled along the long
side of the die with a sharp pair of bent
tweezers.
DO NOT touch the surface of the
chip with fingers or tweezers.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com