Electronic Components Datasheet Search
  English  ▼

X  

MASW006102 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MASW006102
Description  HMIC??Silicon PIN Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW006102 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MASW006102 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
V2
MASW-006102-13610
HMIC™ Silicon PIN Diode Switch
with Integrated Bias Network
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
6
ADVANCED:
Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
MASW-006102-13610
Chip Outline Drawing
1,2
Notes:
1.
Topside and backside metallization is gold , 2.5mm thick typical.
2.
Yellow areas indicate wire bonding pads
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
.1325
.1335
3.3655
3.3909
B
.1225
.1235
3.1115
3.1369
C
.0595
.0605
1.5113
1.5367
D
.0345
.0355
0.8763
0.9017
E
.0245
.0255
0.6223
0.6477
F
.0115
.0125
0.2921
0.3175
G
.0305
.0315
0.7747
0.8001
H
.0275
.0285
0.6985
0.7239
I
.0395
.0405
1.0033
1.0287
J
.0295
.0305
0.7493
0.7747
RF Bond Pads (J1-J7)
.016 X .005 REF.
0.4064 X 0.127 REF.
DC Bond Pads (B2-B5)
.005 X .005 REF.
.127 X .127 REF.
Thickness
0.005 REF.
0.127 REF.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com