Electronic Components Datasheet Search
  English  ▼

X  

MASW006102 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW006102
Description  HMIC??Silicon PIN Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW006102 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW006102 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
V2
MASW-006102-13610
HMIC™ Silicon PIN Diode Switch
with Integrated Bias Network
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
1
ADVANCED:
Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Absolute Maximum
Operating Temperature
-65oC to +125oC
Storage Temperature
-65oC to +150oC
Junction Temperature
+175oC
Applied Reverse Voltage
50V
RF Incident Power
+33dBm C.W.
1
Bias Current +25°C
±20mA
Note:
1. Maximum
operating
conditions
for
a
combination of RF power, D.C. bias and
operating temperature:
+33dBm CW @ 15mA (per diode) @+85°C
Features
♦ Broad Bandwidth 2 to 18 GHz
♦ Usable up to 26 GHz
♦ Integrated Bias Network
♦ Low Insertion Loss / High Isolation
♦ Rugged, Glass Encapsulated Construction
♦ Fully Monolithic
♦ RoHS Compliant
Description
The MASW-006102-13610 is a SP6T broadband
switch with integrated bias network utilizing M/A-COM
Technology Solutions HMICTM (Heterolithic Microwave
Integrated Circuit) process, US Patent 5,268,310. This
wafer fabrication process allows the incorporation of
silicon pedestals that form series and shunt diodes
and vias by imbedding them in low loss, low
dispersion glass. By using small spacing between
elements, plus the combination of silicon and glass
gives this HMIC device low loss and high isolation
performance with exceptional repeatability through low
millimeter frequencies. Large bond pads facilitate the
use of low inductance ribbons or 1 mil wire while full
backside gold metallization allows for die attachment
using 80/20 - Au/Sn, 62/36/2 - Sn/Pb/Ag solders or
electrically conductive silver epoxy.
Yellow areas denote wire bond pads
Applications
The MASW-006102-13160 is a high performance
switch which is suitable for use in multi-band ECM,
radar, and instrumentation control circuits where high
isolation to insertion loss ratios are required. With a
standard +5V/-5V, TTL controlled PIN diode driver,
80nS switching speeds can be achieved.


Similar Part No. - MASW006102

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW006102 MA-COM-MASW006102_15 Datasheet
123Kb / 7P
HMIC Silicon PIN Diode Switch
More results

Similar Description - MASW006102

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
140Kb / 7P
HMIC??Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
558Kb / 7P
HMIC??Silicon PIN Diode Switch
MA4SW410B-1_V4 MA-COM-MA4SW410B-1_V4 Datasheet
781Kb / 6P
HMIC??Silicon PIN Diode Switch
MASW-004102-12760 MA-COM-MASW-004102-12760 Datasheet
107Kb / 6P
HMIC??Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102 Datasheet
534Kb / 7P
HMIC??Silicon PIN Diode Switch
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
HMIC??Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102_15 Datasheet
534Kb / 7P
HMIC Silicon PIN Diode Switch
MASW006102 MA-COM-MASW006102_15 Datasheet
123Kb / 7P
HMIC Silicon PIN Diode Switch
MA4SW410B MA-COM-MA4SW410B_15 Datasheet
793Kb / 6P
HMIC Silicon PIN Diode Switch
MA4SW510B MA-COM-MA4SW510B_15 Datasheet
531Kb / 7P
HMIC Silicon PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com