Electronic Components Datasheet Search
  English  ▼

X  

EL2257CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL2257CS
Description  125 MHz Single Supply, Clamping Op Amps
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2257CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL2257CS Datasheet HTML 1Page - Elantec Semiconductor EL2257CS Datasheet HTML 2Page - Elantec Semiconductor EL2257CS Datasheet HTML 3Page - Elantec Semiconductor EL2257CS Datasheet HTML 4Page - Elantec Semiconductor EL2257CS Datasheet HTML 5Page - Elantec Semiconductor EL2257CS Datasheet HTML 6Page - Elantec Semiconductor EL2257CS Datasheet HTML 7Page - Elantec Semiconductor EL2257CS Datasheet HTML 8Page - Elantec Semiconductor EL2257CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© 1995 Elantec, Inc.
General Description
The EL2257C/EL2357C are supply op amps. Prior single supply op
amps have generally been limited to bandwidths and slew rates 1/4
that of the EL2257C/EL2357C. The 125 MHz bandwidth, 275 V/µs
slew rate, and 0.05%/0.05° differential gain/differential phase makes
this part ideal for single or dual supply video speed applications. With
its voltage feedback architecture, this amplifier can accept reactive
feedback networks, allowing them to be used in analog filtering appli-
cations. The inputs can sense signals below the bottom supply rail and
as high as 1.2V below the top rail. Connecting the load resistor to
ground and operating from a single supply, the outputs swing com-
pletely to ground without saturating. The outputs can also drive to
within 1.2V of the top rail. The EL2257C/EL2357C will output
±100 mA and will operate with single supply voltages as low as 2.7V,
making them ideal for portable, low power applications.
The EL2257C/EL2357C have a high speed disable feature. Applying a
low logic level to all ENABLE pins reduces the supply current to 0 µA
within 50 ns. Each amplifier has its own ENABLE pin. This is useful
for both multiplexing and reducing power consumption.
The EL2257C/EL2357C also have an output voltage clamp feature.
This clamp is a fast recovery (<7 ns) output clamp that prevents the
output voltage from going above the preset clamp voltage. This feature
is desirable for A/D applications, as A/D converters can require long
times to recover if overdriven.
The EL2257C/EL2357C are available in plastic DIP and SOIC pack-
ages. Both parts operate over the industrial temperature range of -40°C
to +8 5° C . For s i ngle a m plif ie r ap pli c ations , s e e the
EL2150C/EL2157C. For space saving, industry standard pin out dual
and quad applications, see the EL2250C/EL2450C.
Connection Diagrams
Top View
Top View
Features
• Specified for +3V, +5V, or ± 5V
Applications
• Power Down to 0 µA
• Output Voltage Clamp
• Large Input Common Mode Range
0V < VCM < VS - 1.2V
• Output Swings to Ground Without
Saturating
• -3 dB Bandwidth = 125 MHz
• ± 0.1 dB Bandwidth = 30 MHz
• Low Supply Current = 5 mA
• Slew Rate = 275 V/µs
• Low Offset Voltage = 4 mV max
• Output Current = ±100 mA
• High Open Loop Gain = 80 dB
• Differential Gain = 0.05%
• Differential Phase = 0.05°
Applications
• Video Amplifier
• PCMCIA Applications
•A/D Driver
•Line Driver
• Portable Computers
• High Speed Communications
• RGB Printer, FAX, Scanner
Applications
• Broadcast Equipment
• Active Filtering
• Multiplexing
Ordering Information
Part No.
Temp. Range
Package
Outline #
EL2257CN
-40°C to +85°C
14 Pin PDIP
MDP0031
EL2257CS
-40°C to +85°C
14 Pin SOIC
MDP0027
EL2357CN
-40°C to +85°C
16 Pin PDIP
MDP0031
EL2357CS
-40°C to +85°C
16 Pin SOIC
MDP0027
EL2257C/EL2357C
125 MHz Single Supply, Clamping Op Amps


Similar Part No. - EL2257CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2257CS INTERSIL-EL2257CS Datasheet
646Kb / 17P
125MHz Single Supply, Clamping Op Amp
February 28, 2002
EL2257CS-T13 INTERSIL-EL2257CS-T13 Datasheet
646Kb / 17P
125MHz Single Supply, Clamping Op Amp
February 28, 2002
EL2257CS-T7 INTERSIL-EL2257CS-T7 Datasheet
646Kb / 17P
125MHz Single Supply, Clamping Op Amp
February 28, 2002
More results

Similar Description - EL2257CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2150C ELANTEC-EL2150C Datasheet
488Kb / 20P
125 MHz Single Supply, Clamping Op Amps
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
125MHz Single Supply, Clamping Op Amps
March 12, 2004
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
EL2257 INTERSIL-EL2257 Datasheet
646Kb / 17P
125MHz Single Supply, Clamping Op Amp
February 28, 2002
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com