Electronic Components Datasheet Search
  English  ▼

X  

EL2257CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL2257CS
Description  125 MHz Single Supply, Clamping Op Amps
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2257CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL2257CS Datasheet HTML 1Page - Elantec Semiconductor EL2257CS Datasheet HTML 2Page - Elantec Semiconductor EL2257CS Datasheet HTML 3Page - Elantec Semiconductor EL2257CS Datasheet HTML 4Page - Elantec Semiconductor EL2257CS Datasheet HTML 5Page - Elantec Semiconductor EL2257CS Datasheet HTML 6Page - Elantec Semiconductor EL2257CS Datasheet HTML 7Page - Elantec Semiconductor EL2257CS Datasheet HTML 8Page - Elantec Semiconductor EL2257CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
EL2257C/EL2357C
125 MHz Single Supply, Clamping Op Amps
Absolute Maximum Ratings (T
A = 25 °C)
Supply Voltage between VS and GND
12.6V
Input Voltage (IN+, IN-, ENABLE, CLAMP)
GND–0.3V, VS+0.3V
Differential Input Voltage
±6V
Maximum Output Current
90 mA
Output Short Circuit Duration
(see note [1] DC Electrical Characteristics)
Power Dissipation
See Curves
Storage Temperature Range
-65°C to +150°C
Ambient Operating Temperature Range
-40°C to +85°C
Operating Junction Temperature
150°C
Important Note:
All parameters having Min/Max specifications are guaranteed. The Test Level column indicates the specific device testing actually performed during
production and Quality inspection. Elantec performs most electrical tests using modern high-speed automatic test equipment, specifically the LTX77
Series system. Unless otherwise noted, all tests are pulsed tests, therefor TJ = TC = TA.
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002.
II
100% production tested at TA = 25°C and QA sample tested at TA = 25°C, TMAX and TMIN per QA test plan QCX0002.
III
QA sample tested per QA test plan QCX0002.
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data.
V
Parameter is typical value at TA = 25°C for information purposes only.
DC Electrical Characteristics
VS=+5V, GND=0V, TA=25°C, VCM=1.5V, VOUT=1.5V, VCLAMP=+5V, VENABLE=+5V, unless otherwise specified.
Parameter
Description
Test Conditions
Min
Typ
Max
Test
Level
Units
VOS
Offset Voltage
EL2257C
-4
4
I
mV
EL2357C
-6
6
I
mV
TCVOS
Offset Voltage Temperature Coefficient
Measured from Tmin to Tmax
10
V
µV/°C
IB
Input Bias Current
VIN=0V
-5.5
-10
I
µA
IOS
Input Offset Current
VIN=0V
-1100
150
+1100
I
nA
TCIOS
Input Bias Current Temperature Coefficient
Measured from Tmin to Tmax
50
V
nA/°C
PSRR
Power Supply Rejection Ratio
VS=VENABLE=+2.7V to +12V,
VCLAMP=OPEN
45
70
I
dB
CMRR
Common Mode Rejection Ratio
VCM=0V to +3.8V
50
65
I
dB
VCM=0V to +3.0V
55
70
I
dB
CMIR
Common Mode Input Range
0
VS-1.2
I
V
RIN
Input Resistance
Common Mode
1
2
I
M
Ω
CIN
Input Capacitance
SOIC Package
1
V
pF
PDIP Package
1.5
V
pF
ROUT
Output Resistance
Av=+1
40
V
m
Ω
IS,ON
Supply Current - Enabled (per amplifier)
VS=VCLAMP=+12V, VENABLE=+12V
5
6.5
I
mA
IS,OFF
Supply Current - Shut Down (per amplifier)
VS=VCLAMP=+10V, VENABLE=+0.5V
0
50
I
µA
VS=VCLAMP=+12V, VENABLE=+0.5V
5
V
µA
PSOR
Power Supply Operating Range
2.7
12.0
I
V
AVOL
Open Loop Gain
VS=VCLAMP=+12V, VOUT=+2V to +9V,
RL=1 kΩ to GND
65
80
I
dB
VOUT=+1.5V to +3.5V, RL=1 kΩ to GND
70
V
dB
VOUT=+1.5V to +3.5V, RL=150Ω to GND
60
V
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com