Electronic Components Datasheet Search
  English  ▼

X  

MASW-009101 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009101
Description  SPDT Default On High Isolation CATV Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009101 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MASW-009101 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
SPDT Default On High Isolation CATV Switch
5 – 3000 MHz
Rev. V3
MASW-009101
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Input Return Loss, RFC
Isolation, RF1 to RF2 (RFC to RF1 State)
Isolation, RF1 to RF2 (RFC to RF2 State)
Output Return Loss, RF1/RF2
Typical Performance Curves: Powered State
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
+25°C
-40°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
+25°C
-40°C
+85°C
Frequency (GHz)
-100
-80
-60
-40
-20
0
0.0
0.5
1.0
1.5
2.0
2.5
+25°C
-40°C
+85°C
Frequency (GHz)
-100
-80
-60
-40
-20
0
0.0
0.5
1.0
1.5
2.0
2.5
+25°C
-40°C
+85°C
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com