Electronic Components Datasheet Search
  English  ▼

X  

MASW-009101 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009101
Description  SPDT Default On High Isolation CATV Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009101 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-009101 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
SPDT Default On High Isolation CATV Switch
5 – 3000 MHz
Rev. V3
MASW-009101
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Features
 75 Ω Terminations RF1 / RF2
 Positive Voltage Control
 High Isolation: 90 dB @ 216 MHz
 Low Insertion Loss: 1.4 dB @ 2200 MHz
 Lead-Free 3 mm 16-Lead PQFN Package
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
The MASW-009101 is a single pole double throw
(SPDT) switch in a lead-free 3 mm 16-lead PQFN
package. It meets FCC 15.115 specification of 80 dB
isolation between RF1 and RF2 at 216 MHz during
powered and un-powered states. The default on
un-powered state provides a low insertion loss path
from RFC to RF1 while maintaining high isolation
between RF2 and RFC/RF1.
This device is ideally suited for applications where
low control voltage, high isolation, small size and low
cost are required.
Typical applications are to replace mechanical
relays in CATV and satellite systems. This part can
be used in all 75 Ω systems operating up to 3 GHz.
The MASW-009101 is fabricated using a GaAs
pHEMT process.
The process features full
passivation for performance and reliability.
Functional Schematic**
Pin Configuration 3
Pin No.
Pin Name
Description
1
N/C
No Connection
2
N/C
No Connection
3
RFC
RF Common Port
4
N/C
No Connection
5
N/C
No Connection
6
N/C
No Connection
7
RF2
RF Port 2
8
GT2
RF Termination
9
N/C
No Connection
10
V2
Control Voltage 2
11
V1
Control Voltage 1
12
N/C
No Connection
13
GT1
RF Termination
14
RF1
RF Port 1
15
N/C
No Connection
16
N/C
No Connection
17
PAD3
RF and DC Ground
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information 1,2
Part Number
Package
MASW-009101-TR3000
3000 piece reel
MASW-009101-001SMB
Sample Board
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
** Default On path shown


Similar Part No. - MASW-009101

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009101-001SMB MA-COM-MASW-009101-001SMB Datasheet
747Kb / 8P
SPDT Default On High Isolation CATV Switch
MASW-009101-TR3000 MA-COM-MASW-009101-TR3000 Datasheet
747Kb / 8P
SPDT Default On High Isolation CATV Switch
More results

Similar Description - MASW-009101

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0068 MACOM-MASWSS0068 Datasheet
257Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0069-A5 MACOM-MASWSS0069-A5 Datasheet
230Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MACOM-MASW-008153 Datasheet
196Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008153 MA-COM-MASW-008153 Datasheet
159Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0068 MA-COM-MASWSS0068 Datasheet
98Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
SPDT High Isolation CATV Switch
MASW-008801 MA-COM-MASW-008801_15 Datasheet
165Kb / 5P
SPDT High Isolation CATV and Satellite Communications Switch
MASW_009101 MA-COM-MASW_009101_15 Datasheet
747Kb / 8P
SPDT Default On High Isolation CATV Switch
MASWSS0103 MA-COM-MASWSS0103_15 Datasheet
707Kb / 5P
SPDT High Isolation CATV Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com