Electronic Components Datasheet Search
  English  ▼

X  

EL2260CS Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL2260CS
Description  Dual/Quad 130 MHz Current Feedback Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2260CS Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL2260CS Datasheet HTML 1Page - Elantec Semiconductor EL2260CS Datasheet HTML 2Page - Elantec Semiconductor EL2260CS Datasheet HTML 3Page - Elantec Semiconductor EL2260CS Datasheet HTML 4Page - Elantec Semiconductor EL2260CS Datasheet HTML 5Page - Elantec Semiconductor EL2260CS Datasheet HTML 6Page - Elantec Semiconductor EL2260CS Datasheet HTML 7Page - Elantec Semiconductor EL2260CS Datasheet HTML 8Page - Elantec Semiconductor EL2260CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
EL2260CEL2460C
DualQuad 130 MHz Current Feedback Amplifiers
Closed Loop AC Electrical Characteristics
VS e g15V AV ea2 RF e 560X RL e 150X TA e 25 C unless otherwise noted
Parameter
Description
Test Conditions
Limits
Test Level
Units
Min
Typ
Max
EL2260C
EL2460C
BW
b
3 dB Bandwidth
VS e g15V AV ea2
130
V
MHz
(Note 8)
VS e g15V AV ea1
180
V
MHz
VS e g5V AV ea2
100
V
MHz
VS e g5V AV ea1
110
V
MHz
SR
Slew Rate
RL e 400X
1000
1500
IV
V
ms
(Notes 6 8)
RF e 1KX RG e 110X
1500
V
V
ms
RL e 400X
tr tf
Rise Time
VOUT e g500mV
27
V
ns
Fall Time (Note 8)
tpd
Propagation Delay
32
V
ns
(Note 8)
OS
Overshoot (Note 8)
VOUT e g500 mV
0
V
%
ts
01% Settling Time
VOUT e g10V
35
V
ns
(Note 8)
AV eb1 RL e 1K
dG
Differential Gain
RL e 150X
0025
V
%
(Notes 7 8)
RL e 500X
0006
V
%
dP
Differential Phase
RL e 150X
01
V
deg ( )
(Notes 7 8)
RL e 500X
0005
V
deg ( )
Note 1 Measured from TMIN to TMAX
Note 2 VCM e g10V for VS e g15V and TAe Full
VCM e g3V for VS e g5V and TA e 25 C
VCM e g2V for VS e g5V and TA e TMIN TMAX
Note 3 The supplies are moved from g25V to g15V
Note 4 VOUT e g7V for VS e g15V and VOUT e g2V for VS e g5V
Note 5 A heat sink is required to keep junction temperature below absolute maximum when an output is shorted
Note 6 Slew Rate is with VOUT from a10V to b10V and measured at the 25% and 75% points
Note 7 DC offset from b0714V through a0714V AC amplitude 286 mVp-p f e 358 MHz
Note 8 All AC tests are performed on a ‘‘warmed up’’ part except for Slew Rate which is pulse tested
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com