Electronic Components Datasheet Search
  English  ▼

X  

EL2260CS Datasheet(PDF) 16 Page - Elantec Semiconductor

Part # EL2260CS
Description  Dual/Quad 130 MHz Current Feedback Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2260CS Datasheet(HTML) 16 Page - Elantec Semiconductor

Back Button EL2260CS Datasheet HTML 12Page - Elantec Semiconductor EL2260CS Datasheet HTML 13Page - Elantec Semiconductor EL2260CS Datasheet HTML 14Page - Elantec Semiconductor EL2260CS Datasheet HTML 15Page - Elantec Semiconductor EL2260CS Datasheet HTML 16Page - Elantec Semiconductor EL2260CS Datasheet HTML 17Page - Elantec Semiconductor EL2260CS Datasheet HTML 18Page - Elantec Semiconductor EL2260CS Datasheet HTML 19Page - Elantec Semiconductor EL2260CS Datasheet HTML 20Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
EL2260CEL2460C
DualQuad 130 MHz Current Feedback Amplifiers
EL2260CEL2460C Macromodel
Contd
Supply Current
ips 7 4 2mA
Error Terms
ivos 0 23 2mA
vxx 23 0 0V
e4 240301 0
e5 250701 0
e6 260401 0
r9 24 23 562
r10 25 23 1K
r11 26 23 1K
Models
model qn npn (ise5eb15 bfe100 tfe01ns)
model qp pnp (ise5eb15 bfe100 tfe01ns)
model dclamp d (ise1eb30 ibve0266 bve224 ne4)
ends
2260 – 15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com