Electronic Components Datasheet Search
  English  ▼

X  

EL4093CS Datasheet(PDF) 14 Page - Elantec Semiconductor

Part # EL4093CS
Description  300 MHz DC-Restored Video Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4093CS Datasheet(HTML) 14 Page - Elantec Semiconductor

Back Button EL4093CS Datasheet HTML 8Page - Elantec Semiconductor EL4093CS Datasheet HTML 9Page - Elantec Semiconductor EL4093CS Datasheet HTML 10Page - Elantec Semiconductor EL4093CS Datasheet HTML 11Page - Elantec Semiconductor EL4093CS Datasheet HTML 12Page - Elantec Semiconductor EL4093CS Datasheet HTML 13Page - Elantec Semiconductor EL4093CS Datasheet HTML 14Page - Elantec Semiconductor EL4093CS Datasheet HTML 15Page - Elantec Semiconductor EL4093CS Datasheet HTML 16Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
EL4093C
300 MHz DC-Restored Video Amplifier
Applications Information
Contd
A remedy for this situation is to attenuate the
colorburst before applying it to the SH input
Figure 6 below shows a 358 MHz chroma trap
which would notch out the colorburst while pre-
serving the video DC level
4093 – 42
Figure 6 Colorburst Trap for NTSC Applications
One may be tempted to use a RC lowpass filter to
suppress the colorburst as shown in Figure 7 be-
low This technique however poses several prob-
lems First to obtain enough attenuation we
need to set the pole frequency 10 to 20 times low-
er than 358 MHz This pole being close to the
auto zero loop pole would destabilize the system
and cause the loop to oscillate
4093 – 43
Figure 7 Caution Lowpass Filter Does Not
Work in NTSC Applications
Although we can cancel this pole by introducing
a zero the RC network introduces a time delay
between the CFA output and the SH input This
has undesirable effects in some NTSC applica-
tions as Figure 8 below illustrates There is only
06
ms from the rising edge of sync to the color-
burst If we are autozeroing over the back porch
the autozero period would begin somewhere in
this 06
ms interval Since the edge of sync is now
delayed by the RC network autozero begins be-
fore the video back porch reaches its final value
Consequently the autozero loop performs a cor-
rection on every line and never settles
4093 – 44
Figure 8 Lowpass Filter Delays Input to Sample and Hold
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com