Electronic Components Datasheet Search
  English  ▼

X  

EL4095CS Datasheet(PDF) 15 Page - Elantec Semiconductor

Part # EL4095CS
Description  Video Gain Control/Fader/Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4095CS Datasheet(HTML) 15 Page - Elantec Semiconductor

Back Button EL4095CS Datasheet HTML 11Page - Elantec Semiconductor EL4095CS Datasheet HTML 12Page - Elantec Semiconductor EL4095CS Datasheet HTML 13Page - Elantec Semiconductor EL4095CS Datasheet HTML 14Page - Elantec Semiconductor EL4095CS Datasheet HTML 15Page - Elantec Semiconductor EL4095CS Datasheet HTML 16Page - Elantec Semiconductor EL4095CS Datasheet HTML 17Page - Elantec Semiconductor EL4095CS Datasheet HTML 18Page - Elantec Semiconductor EL4095CS Datasheet HTML 19Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
EL4095C
Video Gain ControlFaderMultiplexer
Application Information
Contd
to produce a standard video output
The
b
VIN of the A side is a buffer output that repro-
duces the input signal and drives RGA and RFA
Into the two resistors 21 mA of error current
flows for a typical 14V of input DC offset creat-
ing distortion in a A-side input stage RGA and
RFA could be increased together in value to re-
duce the error current and distortions but in-
creasing RFA would lower bandwidth A solution
would be to simply attenuate the input signal
magnitude and restore the EL4095 output level
to standard level with another amplifier so
Reduced-Gain Leveler for Video Inputs and Differential Gain and Phase Performance (see text)
4095 – 30
4095 – 31
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com