Electronic Components Datasheet Search
  English  ▼

X  

EL4095CS Datasheet(PDF) 18 Page - Elantec Semiconductor

Part # EL4095CS
Description  Video Gain Control/Fader/Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4095CS Datasheet(HTML) 18 Page - Elantec Semiconductor

Back Button EL4095CS Datasheet HTML 14Page - Elantec Semiconductor EL4095CS Datasheet HTML 15Page - Elantec Semiconductor EL4095CS Datasheet HTML 16Page - Elantec Semiconductor EL4095CS Datasheet HTML 17Page - Elantec Semiconductor EL4095CS Datasheet HTML 18Page - Elantec Semiconductor EL4095CS Datasheet HTML 19Page - Elantec Semiconductor EL4095CS Datasheet HTML 20Page - Elantec Semiconductor EL4095CS Datasheet HTML 21Page - Elantec Semiconductor EL4095CS Datasheet HTML 22Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
EL4095C
Video Gain ControlFaderMultiplexer
Applications Information
Contd
The EL4095 is connected as a unity-gain fader
with an LRC peaking network connected to the
A-input and an RC rolloff network connected to
the B-input The plot shows the range of peaking
controlled by the VGAIN input This circuit
would be useful for flattening the frequency re-
sponse of a system or for providing equalization
ahead of a lossy transmission line
Noise
The electrical noise of the EL4095 has two com-
ponents the voltage noise in series with aVIN is
5nV
0Hz wideband and there is a current noise
injected into bVIN of 35 pA
0Hz
The
output
noise will be
Vn out e
0 (A
V  Vn input)
2 a (In input  RF)2
and the input-referred noise is
Vn input-referred e
0 (V
n input)
2 a (In input  RF AV)2
where AV is the fed-back gain of the EL4095
Here is a plot of input-referred noise vs AV
Input-Referred Noise vs Closed-Loop Gain
4095 – 35
Thus for a gain of three or more the fader has a
noise as good as an op-amp The only trade-off is
that the dynamic range of the input is reduced by
the gain due to the nonlinearity caused by
gained-up output signals
Power Dissipation
Peak die temperature must not exceed 150 C
This allows 75 C internal temperature rise for a
75 C ambient The EL4095 in the 14-pin PDIP
package has a thermal resistance of 65 CW and
can thus dissipate 115W at a 75 C ambient tem-
perature The device draws 20 mA maximum
supply current only 600 mW at g15V supplies
and the circuit has no dissipation problems in
this package
The
SO-14
surface-mount
package
has
a
105 CW thermal resistance with the EL4095
and only 714 mW can be dissipated at 75 C ambi-
ent temperature The EL4095 thus can be operat-
ed with g15V supplies at 75 C but additional
dissipation caused by heavy loads must be con-
sidered If this is a problem the supplies should
be reduced to g5V to g12V levels
The output will survive momentary short-cir-
cuits to ground but the large available current
will overheat the die and also potentially destroy
the circuit’s metal traces The EL4095 is reliable
within its maximum average output currents and
operating temperatures
EL4095C Macromodel
This macromodel is offered to allow simulation of
general EL4095 behavior
We have included
these characteristics
Small-signal frequency response
Signal path DC distoritons
Output loading effects
VGAIN I-V characteristics
Input impedance
VGAIN overdrive recovery
Off-channel feedthrough
delay
Output impedance over
100% gain error
frequency
FORCE operation
b
VIN characteristics and
sensitivity to parasitic
capacitance
These will give a good range of results of various
operating conditions but the macromodel does
not behave identically as the circuit in these ar-
eas
Temperature effects
Manufacturing tolerances
Signal overload effects
Supply voltage effects
Signal and VG operating range
Slewrate limitations
Current-limit
Noise
Video and high-frequency
Power supply interactions
distortions
Glitch and delay from
FORCE inputs
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com