Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 59 Page - Altera Corporation

Part # EP1C3
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 59 Page - Altera Corporation

Back Button EP1C3 Datasheet HTML 55Page - Altera Corporation EP1C3 Datasheet HTML 56Page - Altera Corporation EP1C3 Datasheet HTML 57Page - Altera Corporation EP1C3 Datasheet HTML 58Page - Altera Corporation EP1C3 Datasheet HTML 59Page - Altera Corporation EP1C3 Datasheet HTML 60Page - Altera Corporation EP1C3 Datasheet HTML 61Page - Altera Corporation EP1C3 Datasheet HTML 62Page - Altera Corporation EP1C3 Datasheet HTML 63Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
59
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
84-Pin Plastic J-Lead Chip Carrier (PLCC)—Wire Bond
■
All dimensions and tolerances conform to ASME Y14.5M – 1994.
■
Controlling dimension is in inches.
■
Pin 1 is generally indicated by an indentation in the plastic body, in Pin 1's
proximity, on package surface.
Package Information
Description
Specification
Ordering Code Reference
L
Package Acronym
PLCC
Leadframe Material
Copper
Lead Finish (Plating)
Regular: 85Sn:15Pb (Typ.)
Pb-free: Matte Sn
JEDEC Outline Reference
MS-018 Variation: AF
Lead Coplanarity
0.004 inches (0.10mm)
Weight
7.9 g (Typ.)
Moisture Sensitivity Level
Printed on moisture barrier bag
Package Outline Dimension Table
Symbol
Inches
Min.
Nom.
Max.
A
0.165
0.172
0.180
A1
0.020
—
—
A2
0.150 TYP
D
1.185
1.190
1.195
D1
1.150
1.154
1.158
D2
1.082
1.110
1.138
E
1.185
1.190
1.195
E1
1.150
1.154
1.158
E2
1.082
1.110
1.138
b
0.013
—
0.021
c
0.008 TYP
e
0.050 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com