Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 28 Page - Altera Corporation

Part # EP1C3
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 28 Page - Altera Corporation

Back Button EP1C3 Datasheet HTML 24Page - Altera Corporation EP1C3 Datasheet HTML 25Page - Altera Corporation EP1C3 Datasheet HTML 26Page - Altera Corporation EP1C3 Datasheet HTML 27Page - Altera Corporation EP1C3 Datasheet HTML 28Page - Altera Corporation EP1C3 Datasheet HTML 29Page - Altera Corporation EP1C3 Datasheet HTML 30Page - Altera Corporation EP1C3 Datasheet HTML 31Page - Altera Corporation EP1C3 Datasheet HTML 32Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 182 page
background image
28
Package Information Datasheet for Mature Altera Devices
Thermal Resistance
Package Information Datasheet for Mature Altera Devices
© December 2011
Altera Corporation
Cyclone Devices
Table 30 lists the thermal resistance of Cyclone devices.
EP2C8
TQFP,
Wire Bond
144
9.9
29.8
28.3
26.9
24.9
PQFP,
Wire Bond
208
5.4
30.2
28.8
26.9
21.7
FBGA,
Wire Bond
256
7.1
27.0
23.0
20.5
18.5
EP2C15
FBGA,
Wire Bond
256
5.5
24.2
20.0
17.8
16.0
FBGA,
Wire Bond
484
4.2
21.0
17.0
14.8
13.1
EP2C20
PQFP,
Wire Bond
240
4.2
26.6
24.0
21.4
17.4
FBGA,
Wire Bond
256
5.5
24.2
20.0
17.8
16.0
FBGA,
Wire Bond
484
4.2
21.0
17.0
14.8
13.1
EP2C35
FBGA,
Wire Bond
484
3.3
19.4
15.4
13.3
11.7
UBGA,
Wire Bond
484
5.0
20.6
16.6
14.5
12.8
FBGA,
Wire Bond
672
3.1
18.6
14.6
12.6
11.1
EP2C50
FBGA,
Wire Bond
484
2.8
18.4
14.4
12.4
10.9
UBGA,
Wire Bond
484
4.4
19.6
15.6
13.6
11.9
FBGA,
Wire Bond
672
2.6
17.7
13.7
11.8
10.2
EP2C70
FBGA,
Wire Bond
672
2.2
16.9
13.0
11.1
9.7
FBGA,
Wire Bond
896
2.1
16.3
11.9
10.5
9.1
Table 29. Thermal Resistance of Cyclone II Devices (Part 2 of 2)
Device
Package
Pin Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
Table 30. Thermal Resistance of Cyclone Devices (Part 1 of 2)
Device
Package
Pin Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
EP1C3
TQFP
100
11.0
37.5
35.4
33.4
29.8
TQFP
144
10.0
31.1
29.4
27.9
25.5
EP1C6
TQFP
144
9.8
29.4
28.0
26.7
24.7
PQFP
240
4.3
27.2
24.7
22.1
17.8
FBGA
256
8.8
28.7
24.5
22.3
20.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com