Electronic Components Datasheet Search
  English  ▼

X  

EL4430CS Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL4430CS
Description  Video Instrumentation Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4430CS Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL4430CS Datasheet HTML 4Page - Elantec Semiconductor EL4430CS Datasheet HTML 5Page - Elantec Semiconductor EL4430CS Datasheet HTML 6Page - Elantec Semiconductor EL4430CS Datasheet HTML 7Page - Elantec Semiconductor EL4430CS Datasheet HTML 8Page - Elantec Semiconductor EL4430CS Datasheet HTML 9Page - Elantec Semiconductor EL4430CS Datasheet HTML 10Page - Elantec Semiconductor EL4430CS Datasheet HTML 11Page - Elantec Semiconductor EL4430CS Datasheet HTML 12Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EL4430CEL4431C
Video Instrumentation Amplifiers
Applications Information
Contd
Power Supplies
The instrumentation amplifiers work well on any
supplies from g3V to g15 The supplies may be
of different voltages as long as the requirements
of the Gnd pin are observed ( see the Ground Pin
section for a discussion) The supplies should be
bypassed close to the device with short leads
47
mF tantalum capacitors are very good and no
smaller bypasses need be placed in parallel Ca-
pacitors as low as 001
mF can be used if small
load currents flow
Single-polarity supplies
such as a12V with
a
5V can be used where the ground pin is con-
nected to a5V and V- to ground The inputs and
outputs will have to have their levels shifted
above ground to accommodate the lack of nega-
tive supply
The dissipation of the amplifiers increases with
power supply voltage and this must be compati-
ble with the package chosen This is a close esti-
mate for the dissipation of a circuit
PDe 2 c VS c IS max a (VSbVO)
c
VO RPAR
where IS max is the maximum supply current
VS is the g supply voltage
(assumed equal)
VO is the output voltage
RPAR is the parallel of all resistors
loading the output
For instance the EL4431 draws a maximum of
16 mA and we might require a 2V peak output
into 150
X and a 270X a 270X feedback divider
The RPAR is 117X The dissipation with g5V
supplies is 201 mW The maximum supply volt-
age that the device can run on for a given PD and
the other parameter is
VS max e (PD a VO2RPAR)
(2IS a VO RPAR)
The maximum dissipation a package can offer is
PD max e (TJ max b TA max) iJA
where TJ max is the maximum die junction
temperature 150 C for reliability less to
retain optimum electrical performance
TA max is the ambient temperature 70 C
for commercial and 85 C for industrial
range
iJA is the thermal resistance of the
mounted package
obtained from data-
sheet dissipation curves
The more difficult case is the SO-8 package With
a maximum die temperature of 150 C and a maxi-
mum ambient temperature of 85 C the 65 C tem-
perature rise and package thermal resistance of
170 CW gives a dissipation of 382 mW at 85 C
This allows a maximum supply voltage of g85V
for the EL4431 operated in our example If an
EL4430 were driving a light load (RPAR
x%)
it could operate on g15V supplies at a 70 C max-
imum ambient
Output Loading
The output stage of the instrumentation amplifi-
ers is very powerful
It typically can source
80 mA and sink 120 mA Of course this is too
much current to sustain and the part will eventu-
ally be destroyed by excessive dissipation or by
metal traces on the die opening The metal traces
are completely reliable while delivering the
30 mA continuous output given in the Absolute
Maximum Ratings table in this datasheet or
higher purely transient currents
Gain or gain accuracy degrades only 10% from
no load to 100
X load Heavy resistive loading will
degrade frequency response and video distortion
for loads k100
X
Capacitive loads will cause peaking in the fre-
quency response If capacitive loads must be driv-
en a small-valued series resistor can be used to
isolate it (12
X to 51X should suffice) A 22X se-
ries resistor will limit peaking to 25 dB with
even a 220 pF load
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com