Electronic Components Datasheet Search
  English  ▼

X  

EL4430CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL4430CS
Description  Video Instrumentation Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4430CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL4430CS Datasheet HTML 1Page - Elantec Semiconductor EL4430CS Datasheet HTML 2Page - Elantec Semiconductor EL4430CS Datasheet HTML 3Page - Elantec Semiconductor EL4430CS Datasheet HTML 4Page - Elantec Semiconductor EL4430CS Datasheet HTML 5Page - Elantec Semiconductor EL4430CS Datasheet HTML 6Page - Elantec Semiconductor EL4430CS Datasheet HTML 7Page - Elantec Semiconductor EL4430CS Datasheet HTML 8Page - Elantec Semiconductor EL4430CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EL4430CEL4431C
Video Instrumentation Amplifiers
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1996 Elantec Inc
Features
 Fully differential inputs and
feedback
Differential input range of
g
2V
Common-mode range of g12V
High CMRR at 4 MHz of
70 dB
Stable at gains of 1 2
 Calibrated and clean input
clipping
 443080 MHz
G e 1
 4431160 MHz GBWP
 380V ms slew rate
 002% or differential gain or
phase
 Operates on g5to g15V
supplies with no AC degradation
Applications
 Line receivers
 ‘‘Loop-through’’ interface
 Level translation
 Magnetic head pre-amplification
 Differential-to-single-ended
conversion
Ordering Information
Part No
Temp Range
Package
Outline
EL4430CN
b
40 Cto a85 C 8-pin P-DIP MDP0031
EL4430CS
b
40 Cto a85 C 8-lead SO
MDP0027
EL4431CN
b
40 Cto a85 C 8-pin P-DIP
MDP0031
EL4431CS
b
40 Cto a85 C 8-lead SO
MDP0027
General Description
The EL4430 and 4431 are video instrumentation amplifiers
which are ideal for line receivers differential-to-single-ended
converters transducer interfacing and any situation where a
differential signal must be extracted from a background of com-
mon-mode noise or DC offset
These devices have two differential signal inputs and two differ-
ential feedback terminals The FB terminal connects to the am-
plifier output or a divided version of it to increase circuit gain
and the REF terminal is connected to the output ground or
offset reference
The EL4430 is compensated to be stable at a gain of 1 or more
and the EL4431 for a gain of 2 or more
The amplifiers have an operational temperature of b40 Cto
a
85 C and are packaged in plastic 8-pin DIP and SO-8
The EL4430 and EL4431 are fabricated with Elantec’s proprie-
tary complementary bipolar process which gives excellent sig-
nal symmetry and is free from latchup
Connection Diagram
4430 – 1


Similar Part No. - EL4430CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4430CS INTERSIL-EL4430CS Datasheet
185Kb / 10P
Video Instrumentation Amplifiers
January 1996
More results

Similar Description - EL4430CS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Intersil Corporation
EL4430 INTERSIL-EL4430 Datasheet
185Kb / 10P
Video Instrumentation Amplifiers
January 1996
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
INA331 TI1-INA331_15 Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
INA332 TI1-INA332 Datasheet
994Kb / 22P
INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com