Electronic Components Datasheet Search
  English  ▼

X  

EL4583CS Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL4583CS
Description  Sync Separator, 50% Slice, S-H, Filter, HOUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4583CS Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL4583CS Datasheet HTML 1Page - Elantec Semiconductor EL4583CS Datasheet HTML 2Page - Elantec Semiconductor EL4583CS Datasheet HTML 3Page - Elantec Semiconductor EL4583CS Datasheet HTML 4Page - Elantec Semiconductor EL4583CS Datasheet HTML 5Page - Elantec Semiconductor EL4583CS Datasheet HTML 6Page - Elantec Semiconductor EL4583CS Datasheet HTML 7Page - Elantec Semiconductor EL4583CS Datasheet HTML 8Page - Elantec Semiconductor EL4583CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
EL4583C
Sync Separator, 50% Slice, S-H, Filter, HOUT
Typical Performance Curves
RSET vs
Horizontal Frequency
Back Porch Clamp
On Time vs RSET
Vertical Default Delay
Time vs RSET
Filter 3dB BW vs RF
Level Out (Pin 9) vs
Sync. Tip Amplitude
Minimum Signal Detect
vs RLV
Filter Attenuation vs RF @
f = 3.58MHz
Note 1: For RLV < 1000k¾, no signal detect output (pin 10) will default high at minimum signal sensitivity specification, or at complete loss of signal.
Package Power Dissipation vs Ambient Temp.
JEDEC JESD51-3 Low Effective Thermal Conductivity Test Board
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
Ambient Temperature (°C)
85
1.54W
PDIP
16
θ
JA=81
°C/W
1.136W
SO16
θJA=1
10°C
/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com