Electronic Components Datasheet Search
  English  ▼

X  

EL4583CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL4583CS
Description  Sync Separator, 50% Slice, S-H, Filter, HOUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4583CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL4583CS Datasheet HTML 1Page - Elantec Semiconductor EL4583CS Datasheet HTML 2Page - Elantec Semiconductor EL4583CS Datasheet HTML 3Page - Elantec Semiconductor EL4583CS Datasheet HTML 4Page - Elantec Semiconductor EL4583CS Datasheet HTML 5Page - Elantec Semiconductor EL4583CS Datasheet HTML 6Page - Elantec Semiconductor EL4583CS Datasheet HTML 7Page - Elantec Semiconductor EL4583CS Datasheet HTML 8Page - Elantec Semiconductor EL4583CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL4583C extracts timing from video sync in NTSC, PAL, and
SECAM systems, and non standard formats, or from computer graph-
ics operating at higher scan rates. Timing adjustment is via an external
resistor. Input without valid vertical interval (no serration pulses) pro-
duces a default vertical output.
Outputs are: composite sync, vertical sync, filter, burst/back porch,
horizontal, no signal detect, level, and odd/even output (in interlaced
scan formats only).
The EL4583C sync slice level is set to the mid-point between sync tip
and the blanking level. This 50% point is determined by two internal
sample and hold circuits that track sync tip and back porch levels. It
provides hum and noise rejection and compensates for input levels of
0.5V to 2.0VP-P.
A built in filter attenuates the chroma signal to prevent color burst
from disturbing the 50% sync slice. Cut off frequency is set by a resis-
tor to ground from the Filter Cut Off pin. Additionally, the filter can be
by-passed and video signal fed directly to the Video Input.
The level output pin provides a signal with twice the sync amplitude
which may be used to control an external AGC function. A
TTL/CMOS compatible No Signal Detect Output flags a loss or reduc-
tion in input signal level. A resistor sets the Set Detect Level.
The EL4583C is manufactured using Elantec’s high performance ana-
log CMOS process.
Connection Diagram
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
FILTER CUT OFF
SET DETECT LEVEL
COMPOSITE SYNC OUT
FILTER INPUT
VERTICAL SYNC OUT
DIGITAL GND
FILTER OUTPUT
COMPOSITE VIDEO INPUT
ANALOG GND
HORIZONTAL SYNC OUT
VDD
ODD/EVEN OUTPUT
RSET*
BURST/BACK PORCH OUTPUT
NO SIGNAL DETECT OUTPUT
LEVEL OUTPUT
EL4583C
(8-Pin SO & 8-Pin PDIP)
*Note: RSET must be a 1% register
Manufactured under US Patent 5,528,303
Features
• NTSC, PAL, and SECAM sync
separation
• Single supply, +5V operation
• Precision 50% slicing
• Built-in programmable color burst
filter
• Decodes non-standard vertical
• Horizontal sync output
• Sync. pulse amplitude output
• Same socket can be used for 8-pin
EL4581C
• Low-power CMOS
• Detects loss of signal
• Resistor programmable scan rate
• Few external components
• Available in 16-pin PDIP and 16-
pin SO (0.150”) packages
Applications
• Video special effects
• Video test equipment
• Video distribution
• Multimedia
• Displays
• Imaging
• Video data capture
• Video triggers
Ordering Information
Part No
Package
Tape &
Reel
Outline #
EL4583CN
16-Pin PDIP
-
MDP0031
EL4583CS
16-Pin SO (0.150”)
-
MDP0027
EL4583CS-T7
16-Pin SO (0.150”)
7”
MDP0027
EL4583CS-T13
16-Pin SO (0.150”)
13”
MDP0027
EL4583C
Sync Separator, 50% Slice, S-H, Filter, HOUT


Similar Part No. - EL4583CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4583CS INTERSIL-EL4583CS Datasheet
141Kb / 9P
Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
June 27, 2005
EL4583CS INTERSIL-EL4583CS Datasheet
178Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
May 5, 2006
EL4583CS INTERSIL-EL4583CS Datasheet
319Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
logo
Renesas Technology Corp
EL4583CS RENESAS-EL4583CS Datasheet
541Kb / 11P
Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Intersil Corporation
EL4583CS-T13 INTERSIL-EL4583CS-T13 Datasheet
141Kb / 9P
Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
June 27, 2005
More results

Similar Description - EL4583CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4581C ELANTEC-EL4581C Datasheet
209Kb / 12P
Sync Separator, 50% Slice, S-H, Filter
logo
Intersil Corporation
EL4581 INTERSIL-EL4581 Datasheet
108Kb / 9P
Sync Separator, 50% Slice, S-H, Filter
August 16, 2002
EL4583A INTERSIL-EL4583A Datasheet
213Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
August 1, 2005
EL4583 INTERSIL-EL4583_06 Datasheet
178Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
May 5, 2006
EL4581 INTERSIL-EL4581_08 Datasheet
208Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
February 8, 2008
EL4581 INTERSIL-EL4581_10 Datasheet
361Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
EL4583 INTERSIL-EL4583_10 Datasheet
319Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
EL4583A INTERSIL-EL4583A_10 Datasheet
238Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
logo
Renesas Technology Corp
EL4583 RENESAS-EL4583 Datasheet
541Kb / 11P
Sync Separator, 50% Slice, S-H, Filter, HOUT
EL4583A RENESAS-EL4583A Datasheet
526Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com