Electronic Components Datasheet Search
  English  ▼

X  

EL5192CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL5192CS
Description  600MHz Current Feedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5192CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL5192CS Datasheet HTML 1Page - Elantec Semiconductor EL5192CS Datasheet HTML 2Page - Elantec Semiconductor EL5192CS Datasheet HTML 3Page - Elantec Semiconductor EL5192CS Datasheet HTML 4Page - Elantec Semiconductor EL5192CS Datasheet HTML 5Page - Elantec Semiconductor EL5192CS Datasheet HTML 6Page - Elantec Semiconductor EL5192CS Datasheet HTML 7Page - Elantec Semiconductor EL5192CS Datasheet HTML 8Page - Elantec Semiconductor EL5192CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
EL5192C
600MHz Current Feedback Amplifier
Absolute Maximum Ratings (T
A = 25°C)
Values beyond absolute maximum ratings can cause the device to be pre-
maturely damaged. Absolute maximum ratings are stress ratings only and
functional device operation is not implied.
Supply Voltage between VS+ and VS-11V
Maximum Continuous Output Current
50mA
Operating Junction Temperature
125°C
Power Dissipation
See Curves
Pin Voltages
VS- - 0.5V to VS+ +0.5V
Storage Temperature
-65°C to +150°C
Operating Temperature
-40°C to +85°C
Important Note:
All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the
specified temperature and are pulsed tests, therefore: TJ = TC = TA.
Electrical Characteristics
VS+ = +5V, VS- = -5V, RF = 750Ω for AV = 1, RF = 375Ω for AV = 2, RL = 150Ω, TA = 25°C unless otherwise specified.
Parameter
Description
Conditions
Min
Typ
Max
Unit
AC Performance
BW
-3dB Bandwidth
AV = +1
600
MHz
AV = +2
300
MHz
BW1
0.1dB Bandwidth
25
MHz
SR
Slew Rate
VO = -2.5V to +2.5V, AV = +2
2500
2800
V/µs
ts
0.1% Settling Time
VOUT = -2.5V to +2.5V, AV = -1
9
ns
en
Input Voltage Noise
4.1
nV/
√Hz
in-
IN- input current noise
20
pA/
√Hz
in+
IN+ input current noise
50
pA/
√Hz
dG
Differential Gain Error
[1]
AV = +2
0.015
%
dP
Differential Phase Error [1]
AV = +2
0.04
°
DC Performance
VOS
Offset Voltage
-10
1
10
mV
TCVOS
Input Offset Voltage Temperature Coefficient
Measured from TMIN to TMAX
5µV/°C
ROL
Transimpedance
200
400
k
Ω
Input Characteristics
CMIR
Common Mode Input Range
±3
±3.3
V
CMRR
Common Mode Rejection Ratio
42
50
dB
-ICMR
- Input Current Common Mode Rejection
-6
6
µA/V
+IIN
+ Input Current
-60
3
60
µA
-IIN
- Input Current
-35
2
35
µA
RIN
Input Resistance
37
k
Ω
CIN
Input Capacitance
0.5
pF
Output Characteristics
VO
Output Voltage Swing
RL = 150Ω to GND
±3.4
±3.7
V
RL = 1KΩ to GND
±3.8
±4.0
V
IOUT
Output Current
RL =10Ω to GND
95
120
mA
Supply
IsON
Supply Current
No Load, VIN = 0V
5
6
7.25
mA
PSRR
Power Supply Rejection Ratio
DC, VS = ±4.75V to ±5.25V
55
75
dB
-IPSR
- Input Current Power Supply Rejection
DC, VS = ±4.75V to ±5.25V
-2
2
µA/V
1.
Standard NTSC test, AC signal amplitude = 286mVP-P, f = 3.58MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com