Electronic Components Datasheet Search
  English  ▼

X  

EL5192CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL5192CS
Description  600MHz Current Feedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5192CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL5192CS Datasheet HTML 1Page - Elantec Semiconductor EL5192CS Datasheet HTML 2Page - Elantec Semiconductor EL5192CS Datasheet HTML 3Page - Elantec Semiconductor EL5192CS Datasheet HTML 4Page - Elantec Semiconductor EL5192CS Datasheet HTML 5Page - Elantec Semiconductor EL5192CS Datasheet HTML 6Page - Elantec Semiconductor EL5192CS Datasheet HTML 7Page - Elantec Semiconductor EL5192CS Datasheet HTML 8Page - Elantec Semiconductor EL5192CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
EL5192C
600MHz Current Feedback Amplifier
Typical Performance Curves
Frequency Response for Various RL
1M
10M
100M
1G
Frequency (Hz)
6
2
-2
-6
-10
-14
AV=2
RF=375Ω
RL=100Ω
RL=150Ω
RL=500Ω
Non-Inverting Frequency Response (Gain)
SOT23 Package
1M
10M
100M
1G
Frequency (Hz)
6
2
-2
-6
-10
-14
RF=750Ω
RL=150Ω
AV=2
AV=5
AV=10
AV=1
Non-Inverting Frequency Response (Phase)
1M
10M
100M
1G
Frequency (Hz)
90
0
-90
-180
-270
-360
RF=750Ω
RL=150Ω
AV=5
AV=1
AV=2
AV=10
Inverting Frequency Response (Gain)
1M
10M
100M
1G
Frequency (Hz)
6
2
-2
-6
-10
-14
RF=375Ω
RL=150Ω
AV=-1
AV=-2
AV=-5
Inverting Frequency Response (Phase)
1M
10M
100M
1G
Frequency (Hz)
90
0
-90
-180
-270
-360
RF=375Ω
RL=150Ω
AV=-1
AV=-2
AV=-5
Frequency Response for Various CIN-
1M
10M
1G
Frequency (Hz)
10
6
2
-2
-6
-10
100M
AV=2
RF=375Ω
RL=150Ω
2pF added
1pF added
0pF added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com