Electronic Components Datasheet Search
  English  ▼

X  

EL5397CS Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL5397CS
Description  Triple 200MHz Fixed Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5397CS Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL5397CS Datasheet HTML 1Page - Elantec Semiconductor EL5397CS Datasheet HTML 2Page - Elantec Semiconductor EL5397CS Datasheet HTML 3Page - Elantec Semiconductor EL5397CS Datasheet HTML 4Page - Elantec Semiconductor EL5397CS Datasheet HTML 5Page - Elantec Semiconductor EL5397CS Datasheet HTML 6Page - Elantec Semiconductor EL5397CS Datasheet HTML 7Page - Elantec Semiconductor EL5397CS Datasheet HTML 8Page - Elantec Semiconductor EL5397CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
EL5397C - Preliminary
Triple 200MHz Fixed Gain Amplifier
Typical Performance Curves
PSRR and CMRR vs Frequency
Frequency (Hz)
PSRR+
PSRR-
CMRR
20
-80
-60
-40
-20
0
10k
100k
1M
10M
1G
100M
-3dB Bandwidth vs Supply Voltage
5
6
8
10
250
200
150
100
Total Supply Voltage (V)
AV=2
RL=150Ω
Peaking vs Supply Voltage
5
4
3
2
0
Total Supply Voltage (V)
AV=2
AV=-1
AV=1
RL=150Ω
7
9
AV=-1
AV=1
5
6
8
10
7
9
1
-3dB Bandwidth vs Temperature
-40
10
60
160
300
250
200
100
0
Ambient Temperature (°C)
RL=150Ω
Peaking vs Temperature
1
0.8
0.4
0.2
0
Ambient Temperature (°C)
RL=150Ω
110
150
50
0.6
-40
10
60
160
110
Voltage and Current Noise vs Frequency
100
Frequency (Hz)
1000
10k
100k
10M
1M
in+
in-
en
1000
1
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com