Electronic Components Datasheet Search
  English  ▼

X  

EL5397CS Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL5397CS
Description  Triple 200MHz Fixed Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5397CS Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL5397CS Datasheet HTML 1Page - Elantec Semiconductor EL5397CS Datasheet HTML 2Page - Elantec Semiconductor EL5397CS Datasheet HTML 3Page - Elantec Semiconductor EL5397CS Datasheet HTML 4Page - Elantec Semiconductor EL5397CS Datasheet HTML 5Page - Elantec Semiconductor EL5397CS Datasheet HTML 6Page - Elantec Semiconductor EL5397CS Datasheet HTML 7Page - Elantec Semiconductor EL5397CS Datasheet HTML 8Page - Elantec Semiconductor EL5397CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
EL5397C - Preliminary
Triple 200MHz Fixed Gain Amplifier
Typical Performance Curves
Closed Loop Output Impedance vs Frequency
Frequency (Hz)
100
0.001
0.1
10
0.01
1
10
0
8
6
0
Supply Voltage (V)
Supply Current vs Supply Voltage
12
2
10
8
6
4
2
4
100
10k
100M
1G
1M
10
Frequency (MHz)
100
25
-10
15
20
-5
0
5
10
AV=+2
RL=150Ω
Two-tone 3rd Order
Input Referred Intermodulation Intercept (IIP3)
AV=+2
RL=100Ω
2nd and 3rd Harmonic Distortion vs Frequency
1
Frequency (MHz)
10
100
-20
-80
-40
-60
-90
-50
-70
AV=+2
VOUT=2VP-P
RL=100Ω
2nd Order
Distortion
3rd Order
Distortion
-30
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-0.04
-0.05
-1
-0.5
0
0.5
1
dP
dG
AV=2
RF=RG=500Ω
RL=150Ω
0.04
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-0.04
-1
-0.5
0
0.5
1
dP
dG
AV=1
RF=750Ω
RL=500Ω
Differential Gain/Phase vs DC Input
Voltage at 3.58MHz
DC Input Voltage
Differential Gain/Phase vs DC Input
Voltage at 3.58MHz
DC Input Voltage
1k
100k
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com