Electronic Components Datasheet Search
  English  ▼

X  

EL5481CS Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL5481CS
Description  Quad 8ns High-Speed Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5481CS Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL5481CS Datasheet HTML 2Page - Elantec Semiconductor EL5481CS Datasheet HTML 3Page - Elantec Semiconductor EL5481CS Datasheet HTML 4Page - Elantec Semiconductor EL5481CS Datasheet HTML 5Page - Elantec Semiconductor EL5481CS Datasheet HTML 6Page - Elantec Semiconductor EL5481CS Datasheet HTML 7Page - Elantec Semiconductor EL5481CS Datasheet HTML 8Page - Elantec Semiconductor EL5481CS Datasheet HTML 9Page - Elantec Semiconductor EL5481CS Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
EL5481C/EL5482C
Quad 8ns High-Speed Comparators
Timing Diagram
Definition of Terms
Term
Definition
VOS
Input Offset Voltage - Voltage applied between the two input terminals to obtain CMOS logic threshold at the output
VIN
Input Voltage Pulse Amplitude - Usually set to 1V for comparator specifications
VOD
Input Voltage Overdrive - Usually set to 50mV and in opposite polarity to VIN for comparator specifications
tpd+
Input to Output High Delay - The propagation delay measured from the time the input signal crosses the input offset voltage to the CMOS
logic threshold of an output low to high transition
tpd-
Input to Output Low Delay - The propagation delay measured from the time the input signal crosses the input offset voltage to the CMOS
logic threshold of an output high to low transition
td+
Latch Disable to Output High Delay - The propagation delay measured from the latch signal crossing the CMOS threshold in a low to high
transition to the point of the output crossing CMOS threshold in a low to high transition
td-
Latch Disable to Output Low Delay - The propagation delay measured from the latch signal crossing the CMOS threshold in a low to high
transition to the point of the output crossing CMOS threshold in a high to low transition
ts
Minimum Setup Time - The minimum time before the negative transition of the latch signal that an input signal change must be present in
order to be acquired and held at the outputs
th
Minimum Hold Time - The minimum time after the negative transition of the latch signal that an input signal must remain unchanged in
order to be acquired and held at the output
tpw (D)
Minimum Latch Disable Pulse Width - The minimum time that the latch signal must remain high in order to acquire and hold an input signal
change
VIN
VOD
th
ts
tpd-
tpw(D)
td+
Latch
Enable
Input
Latch
Compare
Latch
Latch
Compare
Differential
Input
Voltage
Comparator
Output
1.4V
VOS
2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com