Electronic Components Datasheet Search
  English  ▼

X  

EL5481CS Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL5481CS
Description  Quad 8ns High-Speed Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5481CS Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL5481CS Datasheet HTML 3Page - Elantec Semiconductor EL5481CS Datasheet HTML 4Page - Elantec Semiconductor EL5481CS Datasheet HTML 5Page - Elantec Semiconductor EL5481CS Datasheet HTML 6Page - Elantec Semiconductor EL5481CS Datasheet HTML 7Page - Elantec Semiconductor EL5481CS Datasheet HTML 8Page - Elantec Semiconductor EL5481CS Datasheet HTML 9Page - Elantec Semiconductor EL5481CS Datasheet HTML 10Page - Elantec Semiconductor EL5481CS Datasheet HTML 11Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
EL5481C/EL5482C
Quad 8ns High-Speed Comparators
Inverting comparator with hysteresis:
R3 adds a portion of the output to the threshold set by R1
and R2. The calculation of the resistor values are as
follows:
Select the threshold voltage VTH and calculate R1 and
R2. The current through R1/R2 bias string must be many
times greater than the input bias current of the
comparator:
Let the hysteresis be VH, and calculate R3:
where:
VO=VSD-0.8V (swing of the output)
Recalculate R2 to maintain the same value of VTH:
Non inverting comparator with hysteresis:
R3 adds a portion of the output to the positive input.
Note that the current through R3 should be much greater
than the input bias current in order to minimize errors.
The calculation of the resistor values as follows:
Pick the value of R1. R1 should be small (less than 1kΩ)
in order to minimize the propagation delay time.
Choose the hysteresis VH and calculate R3:
Check the current through R3 and make sure that it is
much greater than the input bias current as follows:
The above two methods will generate hysteresis of up to
a few hundred millivolts. Beyond that, the impedance of
R3 is low enough to affect the bias string and adjustment
of R1 may be required.
Power Dissipation
When switching at high speeds, the comparator's drive
capability is limited by the rise in junction temperature
caused by the internal power dissipation. For reliable
operation, the junction temperature must be kept below
TJMAX (125°C).
An approximate equation for the device power dissipa-
tion is as follows. Assume the power dissipation in the
load is very small:
where:
VS is the analog supply voltage from VS+ to VS-
IS is the analog quiescent supply current per comparator
VSD is the digital supply voltage from VSD to ground
ISD is the digital supply current per comparator
N is the number of comparators in the package
ISD strongly depends on the input switching frequency.
Please refer to the performance curve to choose the input
driving frequency. Having obtained the power dissipa-
tion, the maximum junction temperature can be
determined as follows:
+
-
R3
VIN
VREF
R2
R1
V
TH
V
REF
R
1
R
1
R
2
+
-------------------
×
=
R
3
V
O
V
H
--------R
1
(
R
2 )
||
×
=
R
2 1VREF
(
V
TH )
V
TH
R
1
-----------
÷
–
V
TH
0.5V
SD
–
R
3
-------------------------------------
+
=
+
-
R3
VIN
VREF
R1
R
3
V
(
SD
0.8
)
R
1
V
H
--------
×
–
=
I
0.5V
SD
V
REF
–
R
3
----------------------------------------
=
P
DISS
V
S
I
S
V
SD
I
SD )
N
×
×
+
×
(
=
T
JMAX
T
MAX
Θ
JA
P
DISS
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com