Electronic Components Datasheet Search
  English  ▼

X  

SK1545 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SK1545
Description  15 Amp Schottky Rectifier 20 to 100 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK1545 Datasheet(HTML) 3 Page - Micro Commercial Components

  SK1545 Datasheet HTML 1Page - Micro Commercial Components SK1545 Datasheet HTML 2Page - Micro Commercial Components SK1545 Datasheet HTML 3Page - Micro Commercial Components SK1545 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


*
8".###
3###: ; !"#versus
 :#6. 6.#
6.#
+*
+&
%
)
m
!"#
%'
)%
*'
&'
('
)''
+'')
+''%
+''*
+''&
+')
+'%
+'*
+'&
+)
+%
7
,°
*
&
)'
)*'
)
)''
*
'
,'
)''
),'
(
,
:
:  !"#versus
<!$8.# &'02 8.#
!"#
8.#
%
&
)' %'
&' ('
*'
%''
%,'
4''
9),% 9),*,
9),, 9),)'
MCC
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
Revision: B
2013/01/01
2
,°
100
°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com