Electronic Components Datasheet Search
  English  ▼

X  

SK1545 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SK1545
Description  15 Amp Schottky Rectifier 20 to 100 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK1545 Datasheet(HTML) 1 Page - Micro Commercial Components

  SK1545 Datasheet HTML 1Page - Micro Commercial Components SK1545 Datasheet HTML 2Page - Micro Commercial Components SK1545 Datasheet HTML 3Page - Micro Commercial Components SK1545 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SK152
THRU
SK1510
15 Amp Schottky
Rectifier
20 to 100 Volts
Features
•
For Surface Mount Applications
•
Extremely Low Thermal Resistance
•
High Current Capability With Low Forward Voltage
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
Typical Thermal Resistance; 20
°C/W Junction To Lead
MST
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SK152
SK152
20V
14V
20V
SK153
SK153
30V
21V
30V
SK154
SK154
40V
28V
40V
SK1545
SK1545
45V
31.5V
45V
SK155
SK155
50V
35V
50V
SK156
SK156
60V
42V
60V
SK158
SK158
80V
56V
80V
SK1510
SK1510
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
15.0A
TL = 95
°C
Peak Forward Surge
Current
IFSM
275A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SK152-1545
SK155-1510
VF
.55V
.85V
IFM = 15.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1mA
20mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
500pF
Measured at
1.0MHz, VR=4.0V
0.070”
0.190’
0.200”
SUGGESTED SOLDER
PAD LAYOUT
H
J
E
F
G
A
B
D
C
Cathode Band
DO-214AB
(HSMC) (Round Lead)
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.200
.214
5.08
5.43
B
.177
.203
4.705.30
C
.002
.005
.05
.13
D
---
.02
---
.51
E.047
.056
1.20
1.42
F
.168
.179
4.27
4.55
G.309
.322
7.85
8.18
H
.239
.243
6.08
6.18
J
.234
.240
5.95
6.10
SK1535
SK1535
35V24.5V35V
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Revision: B
2013/01/01
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - SK1545

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK1545 MCC-SK1545 Datasheet
94Kb / 3P
15 Amp Schottky Rectifier 20 to 100 Volts
SK1545 MCC-SK1545 Datasheet
221Kb / 4P
15 Amp Schottky Rectifier 20 to 100 Volts
SK1545 MCC-SK1545 Datasheet
259Kb / 4P
15 Amp Schottky Rectifier 20 to 100 Volts For Surface Mount Applications
logo
List of Unclassifed Man...
SK1545 ETC2-SK1545 Datasheet
259Kb / 4P
15 Amp Schottky Rectifier 20 to 100 Volts
logo
Diotec Semiconductor
SK1545YD2 DIOTEC-SK1545YD2 Datasheet
136Kb / 2P
Surface Mount Schottky Rectifiers ??Single Diode
More results

Similar Description - SK1545

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1520 MCC-MBR1520 Datasheet
98Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520CT MCC-MBR1520CT Datasheet
105Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT Datasheet
100Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
SK152 MCC-SK152 Datasheet
94Kb / 3P
15 Amp Schottky Rectifier 20 to 100 Volts
MBR1520 MCC-MBR1520_08 Datasheet
101Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
SK152 MCC-SK152_11 Datasheet
221Kb / 4P
15 Amp Schottky Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR15100CT KERSEMI-MBR15100CT Datasheet
477Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
List of Unclassifed Man...
SK153-TP ETC2-SK153-TP Datasheet
259Kb / 4P
15 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBRB1520CT MCC-MBRB1520CT_17 Datasheet
253Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SS152C LEIDITECH-SS152C Datasheet
250Kb / 3P
15 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com