Electronic Components Datasheet Search
  English  ▼

X  

PS9505 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS9505
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9505 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS9505 Datasheet HTML 2Page - California Eastern Labs PS9505 Datasheet HTML 3Page - California Eastern Labs PS9505 Datasheet HTML 4Page - California Eastern Labs PS9505 Datasheet HTML 5Page - California Eastern Labs PS9505 Datasheet HTML 6Page - California Eastern Labs PS9505 Datasheet HTML 7Page - California Eastern Labs PS9505 Datasheet HTML 8Page - California Eastern Labs PS9505 Datasheet HTML 9Page - California Eastern Labs PS9505 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
PS9505,PS9505L1,PS9505L2,PS9505L3
Chapter Title
0
2
f
o
6
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
5
1
0
0
S
D
8
0
R
Jan 06, 2012
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
(VCC - VEE)
15
30
V
Forward Current (ON)
IF (ON)
7
10
16
mA
Forward Voltage (OFF)
VF (OFF)
−2
0.8
V
Operating Ambient Temperature
TA
−40
110
°C
ELECTRICAL CHARACTERISTICS
(VEE = GND, unless otherwise specified and refer to RECOMMENDED OPERATING CONDITIONS)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25°C
1.2
1.56
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25°C
10
μA
Input Capacitance
CIN
f = 1 MHz, VF = 0 V, TA = 25°C
30
pF
Detector High Level Output Current
IOH
VO = (VCC − 4 V)
*2
0.5
2.0
A
VO = (VCC − 15 V)
*3
2.0
Low Level Output Current
IOL
VO = (VEE + 2.5 V)
*2
0.5
2.0
A
VO = (VEE + 15 V)
*3
2.0
High Level Output Voltage
VOH
IO = −100 mA
*4
VCC − 3.0 VCC − 1.5
V
Low Level Output Voltage
VOL
IO = 100 mA
0.1
0.5
V
High Level Supply Current
ICCH
VO = open, IF = 10 mA
1.4
3.0
mA
Low Level Supply Current
ICCL
VO = open, VF = 0 to +0.8 V
1.3
3.0
mA
UVLO Threshold
VUVLO+
VO > 5 V, IF = 10 mA
10.8
12.3
13.4
V
VUVLO−
9.5
11.0
12.5
UVLO Hysteresis
UVLOHYS VO > 5 V, IF = 10 mA
0.4
1.3
V
Coupled Threshold Input Current
(L → H)
IFLH
IO = 0 mA, VO > 5 V
2.0
5.0
mA
Threshold Input Voltage
(H → L)
VFHL
IO = 0 mA, VO < 5 V
0.8
V
*1 Typical values at TA = 25°C.
*2 Maximum pulse width = 50 μs, Maximum duty cycle = 0.5%.
*3 Maximum pulse width = 10 μs, Maximum duty cycle = 0.2%
*4 VOH is measured with the DC load current in this testing (Maximum pulse width = 2 ms, Maximum duty cycle =
20%).
<R>
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com