Electronic Components Datasheet Search
  English  ▼

X  

PS9505 Datasheet(PDF) 11 Page - California Eastern Labs

Part # PS9505
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9505 Datasheet(HTML) 11 Page - California Eastern Labs

Back Button PS9505 Datasheet HTML 7Page - California Eastern Labs PS9505 Datasheet HTML 8Page - California Eastern Labs PS9505 Datasheet HTML 9Page - California Eastern Labs PS9505 Datasheet HTML 10Page - California Eastern Labs PS9505 Datasheet HTML 11Page - California Eastern Labs PS9505 Datasheet HTML 12Page - California Eastern Labs PS9505 Datasheet HTML 13Page - California Eastern Labs PS9505 Datasheet HTML 14Page - California Eastern Labs PS9505 Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PS9505,PS9505L1,PS9505L2,PS9505L3
Chapter Title
0
2
f
o
1
1
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
5
1
0
0
S
D
8
0
R
Jan 06, 2012
Forward Current IF (mA)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
Low Level Output Current IOL (A)
LOW LEVEL OUTPUT VOLTAGE vs.
LOW LEVEL OUTPUT CURRENT
6
8
10
12
14
16
18
VCC = 30 V, VEE = GND,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
250
200
150
100
50
0
tPHL
PWD
tPLH
15
20
25
30
VEE = GND, IF = 10 mA,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
250
200
150
100
50
0
tPHL
PWD
tPLH
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD CAPACITANCE
Load Capacitance Cg (nF)
10
20
30
40
50
VCC = 30 V, VEE = GND,
IF = 10 mA, Rg = 10 Ω,
f = 10 kHz, Duty cycle = 50%
250
200
150
100
50
0
tPHL
tPLH
PWD
0
0.5
1
1.5
2.5
2
8
6
4
2
VCC = 30 V,
VEE = GND,
IF = 0 mA
−
40°C
+25°C
TA = +110°C
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD RESISTANCE
0
10
20
30
40
50
VCC = 30 V, VEE = GND,
IF = 10 mA, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
250
200
150
100
50
0
tPHL
PWD
tPLH
Load Resistance Rg (Ω)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (°C)
0
−
40 −20
20
40
60
80
VCC = 30 V, VEE = GND,
IF = 10 mA,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
250
200
150
100
50
0
tPHL
tPLH
100
PWD
Remark The graphs indicate nominal characteristics.
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com