Electronic Components Datasheet Search
  English  ▼

X  

X2AS Datasheet(PDF) 1 Page - Anaren Microwave

Part # X2AS
Description  SMT Crossover
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X2AS Datasheet(HTML) 1 Page - Anaren Microwave

  X2AS Datasheet HTML 1Page - Anaren Microwave X2AS Datasheet HTML 2Page - Anaren Microwave X2AS Datasheet HTML 3Page - Anaren Microwave X2AS Datasheet HTML 4Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X2AS
Rev C
SMT Crossover
Description
The X2AS is a low profile crossover to intersect an RF and DC circuit trace
in an easy to use surface mount package designed for frequencies up to 6
GHz. The X2AS is ideal for any application where an RF circuit must
intersect with a DC circuit without resorting to a multilayer PCB.
Parts have been subjected to rigorous qualification testing and units are
100% tested. They are manufactured using materials with x and y thermal
expansion coefficients compatible with common substrates such as FR4, G-
10, RF-35, RO4003 and polyimide. Produced with 6 of 6 RoHS compliant
tin immersion finish.
Electrical Specifications
**
Frequency
Port Impedance
Return Loss
GHz
Ohms
dB Min
DC – 2.5
50
20
2.5 – 3.5
50
17
3.5 – 6.0
50
15
Insertion
Loss
Power
ΘJC
Operating
Temp.
dB Max
Watts
ºC / Watt
ºC
0.05
30
250.9
-55 to +85
0.10
15
250.9
-55 to +85
Features:
•
DC – 6.0 GHz
•
RF – DC Crossover
•
Low Loss
•
DC Isolation
•
Surface Mountable
•
Tape And Reel
•
Convenient Package
•
Lead Free
•
100 % Tested
0.15
10
250.9
-55 to +85
**Specification based on performance of unit properly installed on microstrip printed circuit boards
with 50
Ω nominal impedance. Specifications subject to change without notice.
Mechanical Outline
Dimensions are in Inches [Millimeters]
X2AS Mechanical Outline


Similar Part No. - X2AS

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X2AS ANAREN-X2AS Datasheet
268Kb / 2P
SMT Crossover
More results

Similar Description - X2AS

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X2A ANAREN-X2A Datasheet
275Kb / 2P
SMT Crossover
X2AS ANAREN-X2AS Datasheet
268Kb / 2P
SMT Crossover
X2B ANAREN-X2B Datasheet
335Kb / 2P
SMT Crossover
X2BS ANAREN-X2BS Datasheet
334Kb / 2P
SMT Crossover
logo
AVX Corporation
X2A2020RFDCT AVX-X2A2020RFDCT Datasheet
461Kb / 4P
The MLOTM SMT RF-DC Crossover is a very low profile crossover that intersects an RF and DC circuit trace in an SMT package.
X2B2020RFRFT AVX-X2B2020RFRFT Datasheet
477Kb / 4P
MLOTM RF-RF SMT Crossover
logo
Anaren Microwave
X2BS ANAREN-X2BS_14 Datasheet
337Kb / 3P
SMT Crossover
logo
STMicroelectronics
LMX321 STMICROELECTRONICS-LMX321 Datasheet
1Mb / 25P
No crossover distortion
May 2013 Rev 3
logo
Yantel Corporation
CR01 YANTEL-CR01 Datasheet
1Mb / 7P
SMT Crossover
CR07 YANTEL-CR07 Datasheet
1Mb / 8P
SMT Crossover
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com