Electronic Components Datasheet Search
  English  ▼

X  

X2AS Datasheet(PDF) 3 Page - Anaren Microwave

Part # X2AS
Description  SMT Crossover
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X2AS Datasheet(HTML) 3 Page - Anaren Microwave

  X2AS Datasheet HTML 1Page - Anaren Microwave X2AS Datasheet HTML 2Page - Anaren Microwave X2AS Datasheet HTML 3Page - Anaren Microwave X2AS Datasheet HTML 4Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X2AS
Rev C
Typical Performance: 0.5 GHz to 6.0 GHz
500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000
-60
-50
-40
-30
-20
-10
Return Loss X2AS
Freq (MHz)
-55C
25C
85C
100
150C
500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000
-0.5
-0.4
-0.3
-0.2
-0.1
0
Insertion Loss X2AS
Freq (MHz)
-55C
25C
85C
100
150C
Mounting
Mounting Footprint
In order for Xinger crossovers to work optimally, there
must be 50Ω transmission lines leading to and from all of
the RF ports. Also, there must be a very good ground to
the corners of the crossover to insure proper electrical
performance. If either of these two conditions are not
satisfied, insertion loss, VSWR and isolation parameters
may not meet published specifications.
When a surface mount crossover is mounted to a printed
circuit board, the primary concerns are; insuring the RF
pads of the device are in contact with the circuit trace of
the PCB and insuring the ground plane of neither the
component nor the PCB is in contact with the RF signal.
Since the component is not symmetrical, the crossovers
are specifically oriented in the tape and reel. An example
of how the PCB footprint could look is shown below. In
specific designs, the 50Ω lines need to be adjusted to the
unique dielectric coefficients and thicknesses as well as
varying pick and place equipment tolerances.
X2AS Rev A Mounting Footprint
Dimensions are in Inches [Millimeters]
To ensure proper electrical and thermal performance
there must be a ground plane with 100%
solder connection underneath the part



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com