Electronic Components Datasheet Search
  English  ▼

X  

X2BS Datasheet(PDF) 1 Page - Anaren Microwave

Part # X2BS
Description  SMT Crossover
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X2BS Datasheet(HTML) 1 Page - Anaren Microwave

  X2BS Datasheet HTML 1Page - Anaren Microwave X2BS Datasheet HTML 2Page - Anaren Microwave X2BS Datasheet HTML 3Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Available on Tape
and Reel For Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model X2BS
Rev. A
SMT Crossover
Description
The X2BS is a low profile crossover to intersect an RF and RF circuit trace
in an easy to use surface mount package designed for frequencies up to 6
GHz. The X2BS is ideal for any application where an RF circuit must
intersect with another RF circuit without resorting to a multilayer PCB. Parts
have been run through rigorous qualification testing and units are 100%
tested. They are manufactured using materials with x and y thermal
expansion coefficients compatible with common substrates such as FR4, G-
10 and polyamide.
ELECTRICAL SPECIFICATIONS**
Frequency
Port Impedance
Return Loss
Isolation
GHz
Ohms
dB Min
DB Min
DC – 2.5
50
20
50
2.5 – 3.6
50
18
30
3.6 – 6.0
50
15
20
Insertion Loss
Power
Θ
Θ
Θ
ΘJC
Operating
Temp.
dB Max
Watts
ºC / Watt
ºC
0.05
30
143.4
-55 to +85
0.10
15
143.4
-55 to +85
Features:
•
DC – 6.0 GHz
•
RF – RF Crossover
•
Low Loss
•
High Isolation
•
Surface Mountable
•
Tape And Reel
•
Convenient Package
•
100% Tested
•
Lead Free
0.20
10
143.4
-55 to +85
**Specification based on performance of unit properly installed on microstrip printed circuit
boards with 50
Ω nominal impedance. Specifications subject to change without notice.
Outline Drawing
X2BS Rev A Mechanical Outline
Dimensions are in Inches [Millimeters]
Side View
Bottom View (Far-side)
Top View (Near-side)
.200±.010
[5.08±0.25]
.200±.010
[5.08±0.25]
.071±.007
[1.80±0.18]
.056±.004
[1.42±0.10]
.025±.008
[0.65±0.20]
.020±.004 TYP
[0.51±0.10]
.072±.008
[1.83±0.20]
4X GND
RF IN/OUT
RF IN/OUT
RF IN/OUT
RF IN/OUT
RF IN/OUT
RF IN/OUT
RF IN/OUT
RF IN/OUT
GND


Similar Part No. - X2BS

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X2BS ANAREN-X2BS Datasheet
334Kb / 2P
SMT Crossover
More results

Similar Description - X2BS

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X2A ANAREN-X2A Datasheet
275Kb / 2P
SMT Crossover
X2AS ANAREN-X2AS Datasheet
268Kb / 2P
SMT Crossover
X2B ANAREN-X2B Datasheet
335Kb / 2P
SMT Crossover
X2BS ANAREN-X2BS Datasheet
334Kb / 2P
SMT Crossover
logo
AVX Corporation
X2A2020RFDCT AVX-X2A2020RFDCT Datasheet
461Kb / 4P
The MLOTM SMT RF-DC Crossover is a very low profile crossover that intersects an RF and DC circuit trace in an SMT package.
X2B2020RFRFT AVX-X2B2020RFRFT Datasheet
477Kb / 4P
MLOTM RF-RF SMT Crossover
logo
Anaren Microwave
X2AS ANAREN-X2AS_10 Datasheet
178Kb / 4P
SMT Crossover
logo
STMicroelectronics
LMX321 STMICROELECTRONICS-LMX321 Datasheet
1Mb / 25P
No crossover distortion
May 2013 Rev 3
logo
Yantel Corporation
CR01 YANTEL-CR01 Datasheet
1Mb / 7P
SMT Crossover
CR07 YANTEL-CR07 Datasheet
1Mb / 8P
SMT Crossover
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com