Electronic Components Datasheet Search
  English  ▼

X  

X2BS Datasheet(PDF) 2 Page - Anaren Microwave

Part # X2BS
Description  SMT Crossover
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X2BS Datasheet(HTML) 2 Page - Anaren Microwave

  X2BS Datasheet HTML 1Page - Anaren Microwave X2BS Datasheet HTML 2Page - Anaren Microwave X2BS Datasheet HTML 3Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Available on Tape and
Reel For Pick and Place
Manufacturing.
Model X2BS
Rev. A
Typical Performance: 0 GHz. to 6.0 GHz.
Mounting
Mounting Footprint
In order for Xinger crossovers to work optimally, there must be
50 transmission lines leading to and from all of the RF ports.
Also, there must be a very good ground to the corners of the
crossover to insure proper electrical performance. If either of
these two conditions are not satisfied, insertion loss, VSWR
and
isolation
parameters
may
not
meet
published
specifications.
When a surface mount crossover is mounted to a printed
circuit board, the primary concerns are; insuring the RF pads
of the device are in contact with the circuit trace of the PCB
and insuring the ground plane of neither the component nor
the PCB is in contact with the RF signal. Since the component
is not symmetrical, the crossovers are specifically oriented in
the tape and reel. An example of how the PCB footprint could
look is shown below. In specific designs, the 50 lines need
to be adjusted to the unique dielectric coefficients and
thicknesses as well as varying pick and place equipment
tolerances.
X2BS Rev A Mounting Footprint
Dimensions are in Inches [Millimeters]
4X 50
Transmission
Line
.034 TYP
[0.86]
To ensure proper electrical and thermal performance
there must be a ground plane with 100%
solder connection underneath the part
Multiple
plated thru holes
to ground
.063 SQ TYP
[1.60]
.042 TYP
[1.07]
.034 TYP
[0.86]
Return Loss X2BS
-60
-50
-40
-30
-20
-10
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
Frequency (MHz)
Insertion Loss X2BS
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
500
1000 1500 2000 2500
3000 3500 4000 4500
5000 5500 6000
Frequency (MHz)
Isolation X2BS
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
500
1000 1500 2000 2500 3000 3500 4000
4500 5000 5500 6000
Frequency (MHz)
Phase Balance X2BS
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
Frequency (MHz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com