Electronic Components Datasheet Search
  English  ▼

X  

Z85233 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z85233
Description  EMSCC??Enhanced Mono Serial Communication Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z85233 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z85233 Datasheet HTML 1Page - Zilog, Inc. Z85233 Datasheet HTML 2Page - Zilog, Inc. Z85233 Datasheet HTML 3Page - Zilog, Inc. Z85233 Datasheet HTML 4Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Copyright ©2008 by Zilog®, Inc. All rights reserved.
www.zilog.com
FEATURES
•
Hardware and software compatible with
Zilog's SCC/ ESCC™
•
Deeper Data FIFOs
–
4-Byte Transmit FIFO
–
8-Byte Receive FIFO
•
Programmable FIFO Interrupt Levels Provide
Flexible Interrupt Response
•
Many Improvements toSupport SDLC/
HDLCTransfers:
–
Deactivation of /RTS Pin after Closing
Flag
–
Automatic Transmission of the Opening
Flag
–
Automatic Reset of Tx Underrun/EOM
Latch
–
Complete CRC Reception
–
TxD pin Automatically Forced High with
NRZI Encoding when Using Mark Idle.
–
Receive FIFO Automatically Unlocked for
Special Receive Interrupts when Using the
SDLC Status FIFO.
–
Back-to-Back Frame Transmission Simpli-
fied
•
Easier Interface to Popular CPUs
•
Fast Speeds:
–
10.0 MHz for Data Rates up to 2.5 Mbit/
Sec.
–
16.384 MHz for Data Rates up to 4.096
Mbit/Sec. -20.0 MHz for Data Rates up to
5.0 Mbit/Sec.
•
Improved SDLC Frame Status FIFO
•
Low Power CMOS
•
New Programmable Features Added with
Write Register 7'
•
Write registers: WR3, WR4, WR5, and WR10
are Now Readable
•
Read Register 0 Latched During Access
•
Software Interrupt Acknowledge Mode
•
DPLL Counter Output Available as Jitter-Free
Clock Source
•
/DTR//REQ Pin Deactivation Time Reduced
•
A Full-Duplex Channel with a Crystal Oscilla-
tor, Baud Rate Generator, and Digital Phase-
Locked Loop.
•
Multi-Protocol Operation Under Program Con-
trol
•
Asynchronous Mode/Synchronous Mode
GENERAL DESCRIPTION
The Zilog Enhanced Mono Serial Communication-
Controller, Z85233 EMSCC, is a software compat-
ible CMOS member of the SCC family introduced
by Zilog in 1981. The EMSCC is a full-duplex data
communications controller capable of supporting a
wide range of popular protocols. The Z85233
EMSCC is a single channel version (Channel A) of
Zilog's Z85230 ESCC. Based on Zilog's unique
Superintegration™ Technology, the EMSCC is
compatible with designs using Zilog's SCC and
ESCC to receive and transmit data. It has many
improvements that significantly reduce CPU over-
head. The addition of a 4-byte transmit FIFO and
an 8-byte receive FIFO significantly reduces the
overhead required to provide data to, and get data-
from, the transmitter and receiver.
The EMSCC also has many features that improve
packet handling in SDLC mode. The EMSCC will
EMSCC™ Enhanced Mono Serial Communication Controller
PB005802-0608
Z85233
Product Brief


Similar Part No. - Z85233

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z85233 ZILOG-Z85233 Datasheet
3Mb / 317P
The Zilog SCC Serial Communication Controller
Z85233 ZILOG-Z85233 Datasheet
363Kb / 19P
EMSCC-TM ENHANCED MONO SERIAL COMMUNICATION CONTROLLER
Z8523310FSC ZILOG-Z8523310FSC Datasheet
637Kb / 2P
ZiLOGs Family of Serial Communication Controllers
Z8523310VSC ZILOG-Z8523310VSC Datasheet
637Kb / 2P
ZiLOGs Family of Serial Communication Controllers
Z8523316FSC ZILOG-Z8523316FSC Datasheet
637Kb / 2P
ZiLOGs Family of Serial Communication Controllers
More results

Similar Description - Z85233

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80230 ZILOG-Z80230 Datasheet
103Kb / 12P
ESCC??ENHANCED SERIAL COMMUNICATION CONTROLLER
Z85230 ZILOG-Z85230 Datasheet
1Mb / 120P
ENHANCED SERIAL COMMUNICATIONS CONTROLLER
Z85233 ZILOG-Z85233 Datasheet
363Kb / 19P
EMSCC-TM ENHANCED MONO SERIAL COMMUNICATION CONTROLLER
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
527Kb / 68P
Enhanced Serial Communications Controller
logo
Zilog, Inc.
Z8523016VEG ZILOG-Z8523016VEG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
Z8523020PSG ZILOG-Z8523020PSG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
Z8523316VSG ZILOG-Z8523316VSG Datasheet
58Kb / 4P
EMSCC??Enhanced Mono Serial Communication Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
logo
Prosoft-Technology
MVI69E-MBS PROSOFT-MVI69E-MBS Datasheet
538Kb / 2P
Modbus Serial Enhanced Communication Module
MVI56E-GSC PROSOFT-MVI56E-GSC Datasheet
398Kb / 3P
Generic ASCII Serial Enhanced Communication Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com