Electronic Components Datasheet Search
  English  ▼

X  

Z85233 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z85233
Description  EMSCC??Enhanced Mono Serial Communication Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z85233 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z85233 Datasheet HTML 1Page - Zilog, Inc. Z85233 Datasheet HTML 2Page - Zilog, Inc. Z85233 Datasheet HTML 3Page - Zilog, Inc. Z85233 Datasheet HTML 4Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PB005802-0608
Page 2 of 4
Z85233 EMSCC™ Enhanced Mono Serial Communication Controller
automatically: transmit a flag before the data, reset
the Tx Underrun/EOM latch, force the TxD pin
high at the appropriate time when using NRZI
encoding, deassert the /RTS pin after the closing
flag, and better handle ABORTed frames when
using the 10x19 status FIFO. The combination of
these features along with the deeper data FIFOs
significantly simplifies SDLC driver software.
The CPU hardware interface has been simplified
by relieving the databus setup time requirement
and supporting the software generation of the inter-
rupt acknowledge signal (/INTACK). These
changes allow an interface with less external logic
to many microprocessor families while maintain-
ing compatibility with existing designs. I/O han-
dling of the EMSCC is improved over the SCC
with faster response of the /INT and /DTR//REQ
pins.
The many enhancements added to the EMSCC per-
mits a system design that increases overall system
performance with better data handling and less
interface logic.
All Signals with a preceding front
slash, "/", are active Low, e.g.: B//W
(WORD is active Low); /B/W (BYTE
is active Low, only).
Power connections follow conventional descrip-
tions below:
Figure 1. Z85233 Functional Block Diagram
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS
Note:
Internal
Control
Logic
Channel A
Register
Channel B
Register
Interrupt
Control
Logic
CPU & DMA
Bus Interface
Databus
Control
Channel A
Channel B
/INT
/INTACK
IEI
IEO
Interrupt
Control



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com