Electronic Components Datasheet Search
  English  ▼

X  

MAMXES0117 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAMXES0117
Description  E-Series Surface Mount Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXES0117 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAMXES0117 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXES0117 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMXES0117 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMXES0117 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E-Series Surface Mount Mixer
80 – 2500 MHz
MAMXES0117
V4
2
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
VSWR
IF
DC - 600
—
—
2.55
3.2
Input IP3
—
200 - 1000
1000 - 2500
dBm
dBm
21
18
27
25
—
—
Input 1 dB Compression
—
80 -2500
dBm
—
14.0
—
Schematic
Pin Configuration
Pin No.
Function
1
RF
2
LO
3
IF
4
Ground
5
Ground
6
Ground
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
RF Input Power
+23 dBm
LO Drive Power
+23 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com