Electronic Components Datasheet Search
  English  ▼

X  

MAMXES0117 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAMXES0117
Description  E-Series Surface Mount Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXES0117 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAMXES0117 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXES0117 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMXES0117 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMXES0117 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
E-Series Surface Mount Mixer
80 – 2500 MHz
MAMXES0117
V4
4
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
(In dBc below IF, assuming down conversion)
nfLO - mfRF
0
X
2
14
12
29
1
20
0
37
12
39
RF
2
25
26
38
27
32
(n)
3
46
41
44
43
44
4
57
56
54
55
57
0
1
2
3
4
LO (m)
Spurious Table: 1800MHz
(In dBc below IF, assuming down conversion)
nfLO - mfRF
0
X
-6
12
21
13
1
29
0
35
18
42
RF
2
64
58
58
51
72
(n)
3
76
80
78
76
73
4
83
85
85
82
85.34
0
1
2
3
4
LO (m)
RF = 1842.50 MHz, -5dBm
LO = 1772.50 MHz, +17dBm
IF = 70 MHz
Spurious Table: 1900MHz
(In dBc below IF, assuming down conversion)
nfLO - mfRF
0
X
-8
21
16
19
1
24
0
39
17
50
RF
2
29
32
29
22
31
(n)
3
51
46
51
41
50
4
52
55
55
52
55
0
1
2
3
4
LO (m)
RF = 1960 MHz, -5dBm
LO = 1890 MHz, +17dBm
IF = 70 MHz
RF = 970 MHz, -5dBm
LO = 900 MHz, +17dBm
IF = 70 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com