Electronic Components Datasheet Search
  English  ▼

X  

SST4117 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SST4117
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST4117 Datasheet(HTML) 3 Page - Vishay Siliconix

  SST4117 Datasheet HTML 1Page - Vishay Siliconix SST4117 Datasheet HTML 2Page - Vishay Siliconix SST4117 Datasheet HTML 3Page - Vishay Siliconix SST4117 Datasheet HTML 4Page - Vishay Siliconix SST4117 Datasheet HTML 5Page - Vishay Siliconix SST4117 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N/PN/SST4117A Series
Vishay Siliconix
Document Number: 70239
S-41231—Rev. G, 28-Jun-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Gate Leakage Current
Drain Current and Transconductance
vs. Gate-Source Cutoff Voltage
Common-Source Forward Transconductance
vs. Drain Current
On-Resistance and Output Conductance
vs. Gate-Source Cutoff Voltage
Output Characteristics
1000
0
−5
−4
−3
−2
−1
800
0
06
30
gfs
IDSS
TA = 25_C
100 mA
IGSS @ 25_C
100 mA
Output Characteristics
500
400
300
100
0
−0.5 V
−1.0 V
−2.0 V
−1.5 V
VGS = 0 V
15
0
−3
−5
−4
−2
−1
12
9
6
3
0
0.01
0.1
1
200
160
120
40
0
5
4
3
2
1
0
rDS @ ID = 10 mA, VGS = 0 V
gos @ VDS = 10 V, VGS = 0 V
f = 1 kHz
rDS
gos
TA = −55_C
125_C
VDS = 10 V
f = 1 kHz
100
016
8
420
80
60
20
0
VGS = 0 V
−0.5 V
−0.4 V
−0.3 V
−0.2 V
−0.1 V
VGS(off) − Gate-Source Cutoff Voltage (V)
VDS − Drain-Source Voltage (V)
VDG − Drain-Gate Voltage (V)
ID − Drain Current (mA)
VGS(off) − Gate-Source Cutoff Voltage (V)
VDS − Drain-Source Voltage (V)
600
400
200
12
18
24
80
25_C
VGS(off) = −0.7 V
VGS(off) = −2.5 V
200
40
12
0
16
8
420
12
IDSS @ VDS = 10 V, VGS = 0 V
gfs @ VDS = 10 V, VGS = 0 V
f = 1 kHz
300
240
180
120
60
0
10 mA
0.1 pA
1 pA
10 pA
100 pA
1 nA
IGSS @ 125_C
VGS(off) = −2.5 V
10 mA
VGS(off) = −2.5 V
TA = 125_C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com