Electronic Components Datasheet Search
  English  ▼

X  

SST4117 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SST4117
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST4117 Datasheet(HTML) 4 Page - Vishay Siliconix

  SST4117 Datasheet HTML 1Page - Vishay Siliconix SST4117 Datasheet HTML 2Page - Vishay Siliconix SST4117 Datasheet HTML 3Page - Vishay Siliconix SST4117 Datasheet HTML 4Page - Vishay Siliconix SST4117 Datasheet HTML 5Page - Vishay Siliconix SST4117 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N/PN/SST4117A Series
Vishay Siliconix
www.vishay.com
4
Document Number: 70239
S-41231—Rev. G, 28-Jun-04
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
300
240
180
60
0
Transconductance vs. Gate-Source Voltage
Transfer Characteristics
Transconductance vs. Gate-Source Voltage
Transfer Characteristics
Common-Source Input Capacitance
vs. Gate-Source Voltage
Circuit Voltage Gain vs. Drain Current
500
0
−4
−5
−2
−1
0
TA = −55_C
125_C
100
0
−0.4
−0.2
−0.8
−1.0
80
60
20
0
200
160
120
40
0
TA = 125_C
−55_C
TA = −55_C
125_C
VDS = 10 V
VDS = 10 V
f = 1 kHz
VDS = 10 V
VDS = 10 V
f = 1 kHz
TA = −55_C
125_C
0.1
1
0.01
100
0
VGS(off) = −0.7 V
−2.5 V
RL +
10 V
ID
Assume VDD = 15 V, VDS = 5 V
2.0
0
f = 1 MHz
VDS = 0 V
10 V
VGS − Gate-Source Voltage (V)
ID − Drain Current (mA)
VGS − Gate-Source Voltage (V)
VGS − Gate-Source Voltage (V)
VGS − Gate-Source Voltage (V)
VGS − Gate-Source Voltage (V)
VGS(off) = −0.7 V
VGS(off) = −0.7 V
VGS(off) = −2.5 V
VGS(off) = −2.5 V
40
80
60
20
40
80
25_C
25_C
−0.6
0
−0.4
−0.2
−0.8
−1.0
−0.6
−30
−4
−5
−2
−1
−3
0
−16
−20
−8
−4
−12
120
400
300
100
200
1.6
1.2
0.4
0.8
AV +
gfs RL
1 ) RLgos
25_C
25_C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com