Electronic Components Datasheet Search
  English  ▼

X  

PHT250N8 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PHT250N8
Description  THYRISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHT250N8 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PHT250N8 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHT250N8 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHT250N8 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PHT250N8 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
■回路図
CIRCUIT
■外形寸法図
OUTLINE DRAWING
Dimension:[mm]
■最大定格 Maximum Ratings
耐圧クラス
Grade
項 目
Parameter
記号
Symbol
PHT250N8
単位
Unit
くり返しピークオフ電圧
RepetitivePeakOff-StateVoltage
VDRM
800
V
非くり返しピークオフ電圧
NonRepetitivePeakOff-StateVoltage
VDSM
900
V
くり返しピーク逆電圧
RepetitivePeakReverseVoltage
VRRM
800
V
非くり返しピーク逆電圧
NonRepetitivePeakReverseVoltage
VRSM
900
V
項 目
Parameter
記 号
Symbol
条 件
Conditions
定格値
Max.RatedValue
単位
Unit
平均オン電流
AverageOn-StateCurrent
Io(AV)
商用周波数
180°通電
Tc=85℃
HalfSineWave
250
A
実効オン電流
RMSOn-StateCurrent
IT(RMS)
390
A
サージオン電流
SurgeOn-StateCurrent
ITSM
50Hz 正弦半波,1 サイクル,非くり返し
HalfSineWave,1Pulse,Non-Repetitive
4000
A
電流二乗時間積
ISquaredt
I2t
2~10ms
80000
A2s
臨界オン電流上昇率
CriticalRateofRiseofTurned-OnCurrent
di/dt
VD=2/3VDRM, ITM=2・Io, Tj=125℃
IG=300mA, diG/dt=0.2A/μs
100
A/μs
ピークゲート電力損失
PeakGatePower
PGM
5
W
平均ゲート電力損失
AverageGatePower
PG(AV)
1
W
ピークゲート電流
PeakGateCurrent
IGM
2
A
ピークゲート電圧
PeakGateVoltage
VGM
10
V
ピークゲート逆電圧
PeakGateReverseVoltage
VRGM
5
V
動作接合温度範囲
OperatingJunctionTemperatureRange
Tjw
-40 ~ +125
℃
保存温度範囲
StorageTemperatureRange
Tstg
-40 ~ +125
℃
絶縁耐圧
IsolationVoltage
Viso
端子-ベース間,
AC1 分間
TerminaltoBase,AC1min.
2000
V
ベース部
Mounting
サーマルコンパウンド塗布
Greased
M5
2.4 ~ 2.8
N・m
締付トルク
MountingTorque
主端子部
Terminal
F
M5
2.4 ~ 2.8
N・m
PHT250N8
250A Avg 800 Volts
THYRISTOR


Similar Part No. - PHT250N8

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
PHT250N8 KSS-PHT250N8 Datasheet
726Kb / 4P
Thyristor
logo
National Instruments Co...
PHT250N8 NI-PHT250N8_15 Datasheet
698Kb / 4P
THYRISTOR
More results

Similar Description - PHT250N8

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
THYRISTOR / DIODE and THYRISTOR / THYRISTOR
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
Thyristor Thyristor
March 2001 Rev 1.001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com