Electronic Components Datasheet Search
  English  ▼

X  

A-421E Datasheet(PDF) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-421E
Description  0.4 INCH SINGLE DIGIT DISPLAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-421E Datasheet(HTML) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-421E Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
0.4
INCH
SINGLE
DIGIT
DISPLAY
A-421E
REV:A / 0
—LEAD STRENGTH
1) Bend strength
Do not bend the PIN more than twice. (Fig.7)
2) Tensile strength (@Room Temperature)
If the force is 1kg or less, there will be no problem. (Fig.8)
—HANDLING PRECAUTIONS
Although rigid against vibration, the Display may damaged or scratched if dropped. So take care
when handling.
—CHEMICAL RESISTANCE
1) Avoid exposure to chemicals as it may attack the Display surface and cause discoloration.
2) When washing is required, refer to the following table for the proper chemical to be used.
SOLVENT
ADAPTABILITY
Freon TE
⊙
Chlorothene
╳
Isopropyl Alcohol
⊙
Thinner
╳
Acetone
╳
Trichloroethylene
╳
⊙--Usable
╳--Do not use.
DRAWING NO. : DS-11-09-0014
DATE : 2009-04-02
Page :9
Fig.7
1Kg
ok!
Fig.8
Release
by
PARALIGHTDCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com