Electronic Components Datasheet Search
  English  ▼

X  

A-421E Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-421E
Description  0.4 INCH SINGLE DIGIT DISPLAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-421E Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-421E Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-421E Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
0.4
INCH
SINGLE
DIGIT
DISPLAY
A-421E
REV:A / 0
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance is
6 0.25(0.01") unless otherwise specified.
3. Pls. contact with us when your production need to be
operated under the Pb free process.
DRAWING NO. : DS-11-09-0014
DATE : 2009-04-02
Page : 2
HD-R/RD013
Release
by
PARALIGHTDCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com