Electronic Components Datasheet Search
  English  ▼

X  

KPLT1320ASX Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KPLT1320ASX
Description  FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPLT1320ASX Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KPLT1320ASX Datasheet HTML 1Page - COSMO  Electronics Corporation KPLT1320ASX Datasheet HTML 2Page - COSMO  Electronics Corporation KPLT1320ASX Datasheet HTML 3Page - COSMO  Electronics Corporation KPLT1320ASX Datasheet HTML 4Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT SPECIFICATION
DATE:09/29/2005
NO.60F00009 REV.
cosmo
ELECTRONICS CORPORATION
Photolink :
KPLT1320AS
SHEET 1 OF 4
1
FIBER OPTIC TRANSMITTING MODULE
FOR DIGITAL AUDIO EQUIPMENT
Features
●
TTL interface.
●
LED is driven by differential circuit.
●
A Self-tapping hole for easy attachment to audio Equipment panels.
Applications
●
Audio equipment.
●
DVD player.
●
Automobile.
Outline Dimensions
(Unit:mm)
3.70
13.55
4.70
9.50
2.40
7.60
2
31
0.50
3.80
2.54
2.54
Pin Connection
1.GND
2.Vcc
3.Input
Tolerance:±0.2mm


Similar Part No. - KPLT1320ASX

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPLT1320A COSMO-KPLT1320A Datasheet
144Kb / 5P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320A0X COSMO-KPLT1320A0X Datasheet
144Kb / 5P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320AD COSMO-KPLT1320AD Datasheet
447Kb / 3P
Photo Link connector
KPLT1320AD COSMO-KPLT1320AD Datasheet
126Kb / 5P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320ADX COSMO-KPLT1320ADX Datasheet
126Kb / 5P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
More results

Similar Description - KPLT1320ASX

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX173 TOSHIBA-TOTX173 Datasheet
117Kb / 5P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
TOTX147 TOSHIBA-TOTX147 Datasheet
251Kb / 5P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
TOTX141PL TOSHIBA-TOTX141PL Datasheet
370Kb / 6P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
COSMO Electronics Corp...
KPLT2500M4X COSMO-KPLT2500M4X Datasheet
166Kb / 4P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT2500M3X COSMO-KPLT2500M3X Datasheet
169Kb / 4P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320M3X COSMO-KPLT1320M3X Datasheet
169Kb / 4P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320M1X COSMO-KPLT1320M1X Datasheet
172Kb / 4P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320BSX COSMO-KPLT1320BSX Datasheet
106Kb / 4P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320BDX COSMO-KPLT1320BDX Datasheet
127Kb / 4P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320B0X COSMO-KPLT1320B0X Datasheet
145Kb / 5P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com