Electronic Components Datasheet Search
  English  ▼

X  

KPLT1320ASX Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KPLT1320ASX
Description  FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPLT1320ASX Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KPLT1320ASX Datasheet HTML 1Page - COSMO  Electronics Corporation KPLT1320ASX Datasheet HTML 2Page - COSMO  Electronics Corporation KPLT1320ASX Datasheet HTML 3Page - COSMO  Electronics Corporation KPLT1320ASX Datasheet HTML 4Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRODUCT SPECIFICATION
DATE:09/29/2005
NO.60F00009 REV.
cosmo
ELECTRONICS CORPORATION
Photolink :
KPLT1320AS
SHEET 4 OF 4
1
(4).Measuring method of Jitter
Vin
Vcc
GND
Vcc
Input
0
0
1
1
Standard optical fiber cable
CH2
CH1
Oscilloscope
Output signal
Standard receiver
PHOTOLINK Unit
to be measured
tj
△
△
tj
Input signal (CH1)
Output signal (CH2)
50%
50%
5.Recommended PCB Layout
2.54
7.62
3-
0.8
2.54
2- 3.2
Notes:
1.Unit:mm
2.tolerance:±0.3mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com