Electronic Components Datasheet Search
  English  ▼

X  

MADP042008 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MADP042008
Description  SURMOUNTTM 8關M PIN Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP042008 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MADP042008 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP042008 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP042008 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP042008 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SURMOUNTTM 8µM PIN Diodes
RoHS Compliant
Rev. V1
MADP-042XX8-13060 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Specifications Subject to Change Without Notice.
Electrical Specifications @ TAMB = + 25 °C
Parameter
Symbol
Conditions
MADP-042308-13060 MADP-042508-13060
Units
Typ
Max
Typ
Max
Capacitance
CT
1,3
- 10V, 1 MHz 1
pF
0.10
0.20
0.18
0.30
Capacitance
CT
1,3
- 10 V, 1 GHz 1,3
pF
0.10
0.19
Capacitance
CT
1,3
- 40 V, 1 MHz 1
pF
0.09
0.20
0.18
0.30
Capacitance
CT
1,3
- 40 V, 1 GHz 1,3
pF
0.10
0.18
Resistance
RS
2,3
+ 20 mA, 1 GHz 2,3
W
1.38
0.97
Resistance
RS
2,3
+ 50 mA, 1 GHz 2,3
W
1.18
0.87
Forward Voltage
VF
+ 10 mA
V
0.85
1.00
0.82
1.00
Reverse Leakage
Current
IR
-100V
µA
10
10
Input Third Order
Intercept Point
IIP3
F 1= 1000 MHz
F2 = 1010 MHz
Input Power = +20 dBm
I bias = + 20 mA
dBm
73
77
C.W. Thermal Resistance
θ
°C/W
145
115
Lifetime
TL
+10 mA / -6 mA
( 50% - 90% V )
nS
280
310
Parameter
Symbol
Conditions
Units
MADP-042408-13060 MADP-042908-13060
Typ.
Max
Typ
Max
Capacitance
CT
1,3
- 10 V, 1 MHz 1
pF
0.38
0.50
0.05
0.15
Capacitance
CT
1,3
- 10 V, 1 GHz 1,3
pF
0.39
0.05
Capacitance
CT
1,3
- 40 V, 1 MHz 1
pF
0.36
0.50
0.04
0.15
Capacitance
CT
1,3
- 40 V, 1 GHz 1,3
pF
0.37
0.05
Resistance
RS
2,3
+ 20 mA, 1 GHz 2,3
W
0.67
3.63
Resistance
RS
2,3
+ 50 mA, 1 GHz 2,3
W
0.61
3.02
Forward Voltage
VF
+ 10 mA
V
0.80
1.00
0.91
1.00
Reverse Leakage Current
IR
-100V
µA
10
10
Input Third Order
Intercept Point
IIP3
F 1= 1000 MHz
F2 = 1010 MHz
Input Power = +20 dBm
I bias = + 20 mA
dBm
81
66
C.W. Thermal Resistance
θ4
°C/W
100
185
Lifetime
TL
+10 mA / -6 mA
( 50% - 90% V )
nS
380
230
1.
Total capacitance, CT, is equivalent to the sum of junction capacitance ,CJ , and parasitic capacitance, Cpar.
2.
Series resistance RS is equivalent to the total diode resistance : RS = RJ ( Junction Resistance) + RC ( Ohmic Resistance)
3.
RS and CT are measured on an HP4291A Impedance Analyzer with die mounted in an ODS-1134 package.
4.
Theta (θ) is measured with the die mounted in an ODS-1134 package.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com