Electronic Components Datasheet Search
  English  ▼

X  

MADP042008 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADP042008
Description  SURMOUNTTM 8關M PIN Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP042008 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADP042008 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP042008 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP042008 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP042008 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SURMOUNTTM 8µM PIN Diodes
RoHS Compliant
Rev. V1
MADP-042XX8-13060 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Typical Performance @ TAMB = +25 °C
Ct @ 10V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Freq (GHz)
042408
042508
042308
042908
Ct @ 1GHz
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0
5
10
15
20
25
30
35
40
Bias (V)
042408
042508
042308
042908
Ct @ 40V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Freq (GHz)
042408
042508
042308
042908
Rs @ 1GHz
0.100
1.000
10.000
0.001
0.010
0.100
Bias (A)
042408
042508
042308
042908
Rs @ 10mA
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Freq (GHz)
042908
042308
042508
042408
Rs @ 20mA
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Freq (GHz)
042908
042308
042508
042408



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com