Electronic Components Datasheet Search
  English  ▼

X  

BAT64 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BAT64
Description  For low-loss, fast-recovery, meter protection, bias isolation and clamping application
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT64 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BAT64 Datasheet HTML 1Page - Infineon Technologies AG BAT64 Datasheet HTML 2Page - Infineon Technologies AG BAT64 Datasheet HTML 3Page - Infineon Technologies AG BAT64 Datasheet HTML 4Page - Infineon Technologies AG BAT64 Datasheet HTML 5Page - Infineon Technologies AG BAT64 Datasheet HTML 6Page - Infineon Technologies AG BAT64 Datasheet HTML 7Page - Infineon Technologies AG BAT64 Datasheet HTML 8Page - Infineon Technologies AG BAT64 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2014-02-11
5
BAT64...
Forward current IF = ƒ (TS)
BAT64-02W, -02V
0
15
30
45
60
75
90 105 120 °C
150
TS
0
50
100
150
200
mA
300
Forward current IF = ƒ (TS)
BAT64-04W, BAT64-06W
0
15
30
45
60
75
90 105 120 °C
150
TS
0
50
100
150
200
mA
300
Forward current IF = ƒ (TS)
BAT64-04, BAT64-06
0
15
30
45
60
75
90 105 120 °C
150
TS
0
50
100
150
200
mA
300
Forward current IF = ƒ (TS)
BAT64-05
0
15
30
45
60
75
90 105 120 °C
150
TS
0
50
100
150
200
mA
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com