Electronic Components Datasheet Search
  English  ▼

X  

BAT64 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAT64
Description  For low-loss, fast-recovery, meter protection, bias isolation and clamping application
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT64 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAT64 Datasheet HTML 1Page - Infineon Technologies AG BAT64 Datasheet HTML 2Page - Infineon Technologies AG BAT64 Datasheet HTML 3Page - Infineon Technologies AG BAT64 Datasheet HTML 4Page - Infineon Technologies AG BAT64 Datasheet HTML 5Page - Infineon Technologies AG BAT64 Datasheet HTML 6Page - Infineon Technologies AG BAT64 Datasheet HTML 7Page - Infineon Technologies AG BAT64 Datasheet HTML 8Page - Infineon Technologies AG BAT64 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2014-02-11
1
BAT64...
Silicon Schottky Diodes
• For low-loss, fast-recovery, meter protection,
bias isolation and clamping application
• Integrated diffused guard ring
• Low forward voltage
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
BAT64-04
BAT64-04W
BAT64-05
BAT64-05W
BAT64-02W
BAT64-02V
BAT64
BAT64-06
BAT64-06W
!

!

,
, 
!

,
, 
!

,
, 

ESD
(Electrostatic discharge) sensitive device, observe handling precaution!
Type
Package
Configuration
LS(nH) Marking
BAT64
BAT64-02V
BAT64-02W*
BAT64-04
BAT64-04W
BAT64-05
BAT64-05W
BAT64-06
BAT64-06W
SOT23
SC79
SCD80
SOT23
SOT323
SOT23
SOT323
SOT23
SOT323
single
single
single
series
series
common cathode
common cathode
common anode
common anode
1.8
0.6
0.6
1.8
1.4
1.8
1.4
1.8
1.4
63s
t
64
64s
64s
65s
65s
66s
66s
* Not for new design


Similar Part No. - BAT64

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT64 SIEMENS-BAT64 Datasheet
91Kb / 3P
Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
logo
Infineon Technologies A...
BAT64 INFINEON-BAT64 Datasheet
491Kb / 7P
Silicon Schottky Diodes
Mar-10-2004
logo
Continental Device Indi...
BAT64 CDIL-BAT64 Datasheet
139Kb / 4P
SILICON PLANAR SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64 INFINEON-BAT64 Datasheet
213Kb / 12P
Silicon Schottky Diodes
2007-06-11
More results

Similar Description - BAT64

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS125-07W SIEMENS-BAS125-07W Datasheet
33Kb / 4P
Silicon Schottky Diode (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAS125 SIEMENS-BAS125 Datasheet
104Kb / 5P
Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAS125W SIEMENS-BAS125W Datasheet
106Kb / 5P
Preliminary data Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping application)
BAT64-07 SIEMENS-BAT64-07 Datasheet
88Kb / 4P
Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07W SIEMENS-BAT64-07W Datasheet
34Kb / 3P
Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-W SIEMENS-BAT64-W Datasheet
69Kb / 6P
Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64 SIEMENS-BAT64 Datasheet
91Kb / 3P
Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
logo
Infineon Technologies A...
BAT54-02VH6327 INFINEON-BAT54-02VH6327 Datasheet
967Kb / 15P
For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2011-06-29
BAS125-07WH6327 INFINEON-BAS125-07WH6327 Datasheet
104Kb / 8P
For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-04-19
BAT64-06E6327 INFINEON-BAT64-06E6327 Datasheet
219Kb / 12P
For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com