Electronic Components Datasheet Search
  English  ▼

X  

EM73P362CQ Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM73P362CQ
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P362CQ Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM73P362CQ Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 9Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 10Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 14Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 15Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
12
*
This specification are subject to be changed without notice.
11.1.2001
EM73P362
EM73P362
EM73P362
EM73P362
EM73P362
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PROGRAM EXAMPLE: Store immediate data #Ah into RAM of address 35h.
LDL #5h;
LDH #3h;
STDMI #0Ah; RAM[35]
← Ah
(3) For instruction : SELP, CLPL, TFPL, L register be a pointer to indicate the bit of I/O port.
When LR = 0 - 1, indicate P4.0 - P4.1.
PROGRAM EXAMPLE: To set bit 1 of Port 4 to "1"
LDL #01h;
SEPL ; P4.1
← 1
STACK POINTER (SP)
STACK POINTER (SP)
STACK POINTER (SP)
STACK POINTER (SP)
STACK POINTER (SP)
Stack pointer is a 4-bit register which stores the present stack level number.
Before using stack, user must set the SP value first, CPU will not initiate the SP value after reset condition.
When a new subroutine is accepted, the SP will be decreased one automatically, in another word, if
returning from a subroutine, the SP will be increased one.
The data transfer between ACC and SP is by instruction of "LDASP" and "STASP".
DATA POINTER (DP)
DATA POINTER (DP)
DATA POINTER (DP)
DATA POINTER (DP)
DATA POINTER (DP)
Data pointer is a 12-bit register which stores the address of ROM can indicate the ROM code data
specified by user (refer to data ROM).
CLOCK AND TIMING GENERATOR
CLOCK AND TIMING GENERATOR
CLOCK AND TIMING GENERATOR
CLOCK AND TIMING GENERATOR
CLOCK AND TIMING GENERATOR
The clock generator is supported by a single clock system, the clock source comes from crystal (resonator)
or RC oscillation, the working frequency range is 32 KHz to 100 KHz depending on the working voltage.
CLOCK AND TIMING GENERATOR STRUCTURE
CLOCK AND TIMING GENERATOR STRUCTURE
CLOCK AND TIMING GENERATOR STRUCTURE
CLOCK AND TIMING GENERATOR STRUCTURE
CLOCK AND TIMING GENERATOR STRUCTURE
The clock generator connects outside compoments (crystal or resonator by XIN and XOUT pin for crystal
osc type, capacitor for RC osc type, these two type is decided by mask option) the clock generator
generates a basic system clock "fc".
When CPU sleeping, the clock generator will be stopped until the sleep condition released.
The system clock control generates 4 basic phase signals (S1, S2, S3, S4) and system clock.
sleep
XOUT
clock generator
System clock control
fc
System clock
S1
S2
S3
S4
Mask option
Mask option for choose Crystal or RC oscillation
XIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com