Electronic Components Datasheet Search
  English  ▼

X  

EM73P362CQ Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # EM73P362CQ
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P362CQ Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EM73P362CQ Datasheet HTML 10Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 14Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 15Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 16Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 17Page - ELAN Microelectronics Corp EM73P362CQ Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
14
*
This specification are subject to be changed without notice.
11.1.2001
EM73P362
EM73P362
EM73P362
EM73P362
EM73P362
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
ST
ST
ST
ST
STOP OPERA
OP OPERA
OP OPERA
OP OPERA
OP OPERATION MODE
TION MODE
TION MODE
TION MODE
TION MODE
During STOP operation mode, CPU holds the system’s internal status with a low power consumption, for
the STOP mode, the system clock will be stopped in the STOP condition and system need a warm up time
for the stability of system clock running after wakeup.
The STOP operation mode is controlled by Port 16 and released by P0(0..3)/WAKEUP 0 3
.. .
P16
3
2
1
0
Initial value : 0000
SPME
SWWT
SPME
Enable STOP mode
SWWT
Set wake-up warm-up time
0 1
Enable STOP mode
0 0
29 / XIN
* *
Reserved
0 1
214 / XIN
1 0
216 / XIN
1 1
Reserved
STOP operation mode condition :
1. Osc stop and CPU internal status held.
2. Internal time base clear to "0".
3. CPU internal memory, flags, register, I/O held original states.
4. Program counter hold the executed address after STOP release.
Release condition :
1. Release STOP operation mode by the falling edge of any one of P0(0..3)/WAKEUP 0 3
.. .
2. Osc start to oscillating.
3. Warm-up time passing.
4. According PC to execute the following program.
Note : There are 4 independent mask options for wakeup function in EM73P362. So, the wakeup function
of
P0(0..3)/WAKEUP 0 3
..
are enabled or disabled independently.
IDLE OPERA
IDLE OPERA
IDLE OPERA
IDLE OPERA
IDLE OPERATION MODE
TION MODE
TION MODE
TION MODE
TION MODE
The IDLE operation mode retains the internal status with low power consumption without stopping the
system clock function and LCD display.
The IDLE operation mode is controlled by Port 19 and released by P0(0..3)/WAKEUP 0..3 or the internal
timing generator.
P19
3
2
1
0
Initial value : 0000
IDME
SIDR
IDME
Enable IDLE mode
SIDR
Select IDLE releasing condition
0 1
Enable IDLE mode
0 0
P0(0..3) pin input
* *
Reserved
0 1
P0(0..3) pin input and 1 sec signal
1 0
P0(0..3) pin input and 0.5 sec signal
1 1
P0(0..3) pin input and 15.625m sec signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com